Electronic Components Datasheet Search
  English  ▼

X  

2N3055HV Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N3055HV
Description  NPN POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N3055HV Datasheet(HTML) 1 Page - Continental Device India Limited

  2N3055HV Datasheet HTML 1Page - Continental Device India Limited 2N3055HV Datasheet HTML 2Page - Continental Device India Limited 2N3055HV Datasheet HTML 3Page - Continental Device India Limited 2N3055HV Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN POWER TRANSISTOR
2N3055HV
TO-3
Metal Can Package
Switching Regulator and Power Amplifier Applications
ABSOLUTE MAXIMUM RATINGS
Collector Base Voltage ( Open Emitter)
VCBO
V
Collector Emitter Voltage (Open Base)
VCEO
V
Emitter Base Voltage
VEBO
V
Collector Current
IC
A
Base Current
IB
A
Total Power Dissipation up toTc=25ºC
Ptot
W
Junction Temperature
Tj
ºC
Storage Temperature
Tstg
ºC
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
ºC/W
ELECTRICAL CHARACTERISTICS (TC=25ºC unless specified otherwise)
Breakdown Voltages
VCEO(sus)*
IC=200mA, IB=0
100
V
VCBO
IC=1mA, IE= 0
100
V
VEBO
IE=1mA, IC =0
7
V
Collector Cut off Current
ICEX
VCE=100V, VBE=(off)=1.5V
1.0
mA
ICEX
Tc=150ºC
VCE=100V, VBE=(off)=1.5V
5.0
Collector Cut off Current
ICEO
VCE=30V, IB=0
0.7
mA
Emitter Cut off Current
IEBO
VBE=7V, IC=0
5.0
mA
Collector Emitter Saturation Voltage
VCE(Sat) *
IC=4A, IB=400mA
1.1
V
IC=10A, IB=3.3A
3.0
Base Emitter on Voltage
VBE(on) *
IC=4A, VCE=4V
2
V
DC Current Gain
hFE*
IC=4A, VCE=4V
20
100
hFE*
IC=10A, VCE=4V
5
UNITS
- 65 to +200
1.75
DESCRIPTION
SYMBOL
TEST CONDITION
VALUE
100
DESCRIPTION
SYMBOL
MAX
UNITS
100
100
7.0
15
7.0
200
MIN
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N3055HV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N3055HV ETC1-2N3055HV Datasheet
40Kb / 1P
TO-3 Power Package Transistors (NPN)
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
NPN POWER TRANSISTOR
More results

Similar Description - 2N3055HV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
NPN power transistor
1999 Apr 12
logo
TRANSYS Electronics Lim...
2N3055HV TEL-2N3055HV Datasheet
201Kb / 3P
NPN POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6530 NJSEMI-2N6530 Datasheet
81Kb / 2P
NPN POWER TRANSISTOR
logo
NXP Semiconductors
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
POWER NPN TRANSISTOR
logo
WeEn Semiconductors
BUJ302AX WEEN-BUJ302AX Datasheet
794Kb / 12P
NPN power transistor
PHE13003C WEEN-PHE13003C Datasheet
270Kb / 11P
NPN power transistor
TB100 WEEN-TB100 Datasheet
254Kb / 10P
NPN power transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com