Electronic Components Datasheet Search
  English  ▼

X  

2N2484 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N2484
Description  NPN SILICON PLANAR TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N2484 Datasheet(HTML) 2 Page - Continental Device India Limited

  2N2484 Datasheet HTML 1Page - Continental Device India Limited 2N2484 Datasheet HTML 2Page - Continental Device India Limited 2N2484 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
2N2484
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
DC Current Gain
hFE
IC=1uA, VCE=5V
30
-
IC=10uA, VCE=5V
100
500
Ta=55 deg C
IC=10uA, VCE=5V
20
-
IC=100uA, VCE=5V
175
-
IC=500uA, VCE=5V
200
-
IC=1mA, VCE=5V
250
-
IC=10mA,VCE=5V**
-
800
Dynamic Characteristics
Transition Frequency
ft
VCE=5V,IC=0.05mA
15
-
MHz
f=5MHz
VCE=5V,IC=0.5mA,
60
-
MHz
f=30MHz
Out-put Capacitance
Cobo
VCB=5V, IE=0
-
6.0
pF
f=140kHz
In-put Capacitance
Cibo
VEB=0.5V, IC=0
-
6.0
pF
f=140kHz
Noise Figure
NF
VCE=5V, IC=10uA
Rs=10kohms
f=100Hz, BW'=20Hz
-
10
dB
f=1kHz, BW=200Hz
-
3.0
dB
f=10kHz, BW=2kHz
-
2.0
dB
f=10Hz to 15.7kHz,BW=15.7KHz
3.0
dB
Small Signal Characteristics (@ f=1kHz unless otherwise specified)
Input Impedence
hie
IC=1mA, VCE=5V
3.5
24
kohms
-4
Voltage Feedback Ratio
hre
IC=1mA, VCE=5V
-
800
x10
Small Signal Current Gain
hfe
IC=1mA, VCE=5V
150
900
Output Admittance
hoe
IC=1mA, VCE=5V
-
40
umhos
*Rth(j-a) is measured with the device soldered into a typical printed Circuit board.
**Pulse Test: Pulse Width=300us, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com