Electronic Components Datasheet Search
  English  ▼

X  

PTB20151 Datasheet(PDF) 4 Page - Ericsson

Part # PTB20151
Description  45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20151 Datasheet(HTML) 4 Page - Ericsson

  PTB20151 Datasheet HTML 1Page - Ericsson PTB20151 Datasheet HTML 2Page - Ericsson PTB20151 Datasheet HTML 3Page - Ericsson PTB20151 Datasheet HTML 4Page - Ericsson PTB20151 Datasheet HTML 5Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PTB 20151
4
e
Z0 = 10 Ω
Test Circuit
Artwork (1 inch
)
Parts Layout (not to scale)
5/4/98



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com