Electronic Components Datasheet Search
  English  ▼

X  

PTB20151 Datasheet(PDF) 5 Page - Ericsson

Part # PTB20151
Description  45 Watts, 1.8-2.0 GHz PCN/PCS Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20151 Datasheet(HTML) 5 Page - Ericsson

  PTB20151 Datasheet HTML 1Page - Ericsson PTB20151 Datasheet HTML 2Page - Ericsson PTB20151 Datasheet HTML 3Page - Ericsson PTB20151 Datasheet HTML 4Page - Ericsson PTB20151 Datasheet HTML 5Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PTB 20151
5
e
Schematic for f = 2 GHz
Q1
PTB 20151
NPN RF Transistor
l1, l9
Microstrip 50
Ω
l2
.1
λ 2 GHz
Microstrip 75
Ω
l3
.065
λ 2 GHz
Microstrip 16
Ω
l4
.095
λ 2 GHz
Microstrip 12.5
Ω
l5
.055
λ 2 GHz
Microstrip 9.7
Ω
l6
.055
λ 2 GHz
Microstrip 12.5
Ω
l7
.065
λ 2 GHz
Microstrip 22
Ω
C1, C6
0.1
µF
1206 Chip
C2, C7
10
µF, 35 V
SMT Tantalum
C3, C4, C8, C10
20 pF
ATC-100
C5, C9
0–4 pf
Johanson Trimmer
L1
56 nh
SMT Inductor
L2, L4
3 Turn #22, 0.25” O.D.
L3
4 mm.
SMT Ferrite
R1
22
Ω
1206 SMT Resistor
Board
0.031 G-200 Solid Copper Bottom, AlliedSignal
Bias Parts (not shown on layout)
Q2
BCP 56
SMT NPN Transistor
D1
BAV 99
Diode
C10, C11
0.1 pF
SMT Capacitor
R2
2K
Potentiometer
R3, R4
10
Ω
1206 SMT Resistor
* Thermally linked to RF device.
Ericsson Components
RF Power Products
675 Jarvis Drive
Morgan Hill, CA 95037 USA
Telephone: 408-778-9434
Specifications subject to change without notice.
L3
© 1996 Ericsson Inc.
EUS/KR 1301-PTB 20151 Uen Rev. C 09-28-98
1-877-GOLDMOS
(1-877-465-3667)
e-mail: rfpower@ericsson.com
www.ericsson.com/rfpower



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com