Electronic Components Datasheet Search
  English  ▼

X  

PTB20175 Datasheet(PDF) 4 Page - Ericsson

Part # PTB20175
Description  55 Watts, 1.9-2.0 GHz Cellular Radio RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20175 Datasheet(HTML) 4 Page - Ericsson

  PTB20175 Datasheet HTML 1Page - Ericsson PTB20175 Datasheet HTML 2Page - Ericsson PTB20175 Datasheet HTML 3Page - Ericsson PTB20175 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PTB 20175
4
e
Schematic for f = 2 GHz
Q1
PTB 20175
NPN RF Transistor
l1
Microstrip 50
Ω
l2
.1
λ 2 GHz
Microstrip 75
Ω
l3
.065
λ 2 GHz
Microstrip 16
Ω
l4
.095
λ 2 GHz
Microstrip 10.8
Ω
l5
.055
λ 2 GHz
Microstrip 8.0
Ω
l6
.055
λ 2 GHz
Microstrip 12.5
Ω
l7
.065
λ 2 GHz
Microstrip 22
Ω
l8
.25
λ 2 GHz
Microstrip 60
Ω
l9
Microstrip 50
Ω
C1, C6
.1
µF
1206 Chip
C2, C7
10
µF, 35 V
SMT Tantalum
C3, C4, C8, C10
33 pF
ATC-100
C5, C9
0 - 4 pf
Johanson Trimmer
L1
56 nh
SMT Inductor
L2
6.8 nh
SMT Inductor
L3
4 mm.
SMT Ferrite
R1
22
Ω
1206 Chip
Board
.031 G-200 Solid Copper Bottom
Ericsson Components
RF Power Products
675 Jarvis Drive
Morgan Hill, CA 95037 USA
Telephone: 408-778-9434
Specifications subject to change without notice.
LF
© 1996 Ericsson Inc.
EUS/KR 1301-PTB 20175 Uen Rev. C 09-28-98
1-877-GOLDMOS
(1-877-465-3667)
e-mail: rfpower@ericsson.com
www.ericsson.com/rfpower



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com