Electronic Components Datasheet Search
  English  ▼

X  

PTB20175 Datasheet(PDF) 1 Page - Ericsson

Part # PTB20175
Description  55 Watts, 1.9-2.0 GHz Cellular Radio RF Power Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PTB20175 Datasheet(HTML) 1 Page - Ericsson

  PTB20175 Datasheet HTML 1Page - Ericsson PTB20175 Datasheet HTML 2Page - Ericsson PTB20175 Datasheet HTML 3Page - Ericsson PTB20175 Datasheet HTML 4Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
e
1
Description
The 20175 is a class AB, NPN common emitter RF power transistor
intended for 26 Vdc operation from 1.9 to 2.0 GHz. It is rated at 55
watts minimum output power and may be used for both CW and PEP
applications. Ion implantation, nitride surface passivation and gold
metallization are used to ensure excellent device reliability. 100% lot
traceability is standard.
PTB 20175
55 Watts, 1.9–2.0 GHz
Cellular Radio RF Power Transistor
20175
LOT
CODE
10
20
30
40
50
60
70
2468
10
12
14
Input Power (Watts)
VCC = 26 V
ICQ = 0.150 A
f = 2 GHz
Typical Output Power vs. Input Power
Package 20223
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-Emitter Voltage
VCER
55
Vdc
Collector-Emitter Voltage
VCES
55
Vdc
Emitter-Base Voltage (collector open)
VEBO
4
Vdc
Collector Current (continuous)
IC
8
Adc
Total Device Dissipation at Tflange = 25° C
PD
233
W
Above 25°C derate by
1.33
W/°C
Storage Temperature Range
Tstg
–40 to +150
°C
Thermal Resistance (Tflange = 70° C)
RθJC
.75
°C/W
• 55 Watts, 1.9–2.0 GHz
• Class AB Characteristics
• 40% Collector Efficiency at 55 Watts
• Gold Metallization
• Silicon Nitride Passivated
9/28/98


Similar Part No. - PTB20175

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20170 ERICSSON-PTB20170 Datasheet
261Kb / 5P
30 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20171 ERICSSON-PTB20171 Datasheet
43Kb / 2P
25 Watts, 935-960 MHz Cellular Radio RF Power Transistor
PTB20174 ERICSSON-PTB20174 Datasheet
563Kb / 4P
90 Watts, 1400-1600 MHz RF Power Transistor
PTB20176 ERICSSON-PTB20176 Datasheet
47Kb / 3P
5 Watts, 1.78-1.92 GHz RF Power Transistor
PTB20177 ERICSSON-PTB20177 Datasheet
49Kb / 3P
150 Watts, 925-960 MHz Cellular Radio RF Power Transistor
More results

Similar Description - PTB20175

ManufacturerPart #DatasheetDescription
logo
Ericsson
PTB20074 ERICSSON-PTB20074 Datasheet
40Kb / 2P
14 watts, 1.477-1.501 GHz Cellular Radio RF Power Transistor
PTB20082 ERICSSON-PTB20082 Datasheet
168Kb / 4P
15 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20141 ERICSSON-PTB20141 Datasheet
41Kb / 2P
18 Watts, 1.465-1.513 GHz Cellular Radio RF Power Transistor
PTB20147 ERICSSON-PTB20147 Datasheet
385Kb / 2P
2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20170 ERICSSON-PTB20170 Datasheet
261Kb / 5P
30 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20179 ERICSSON-PTB20179 Datasheet
201Kb / 3P
0.4 Watt, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20180 ERICSSON-PTB20180 Datasheet
43Kb / 2P
2.5 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20187 ERICSSON-PTB20187 Datasheet
43Kb / 2P
4 Watts, 1.8-2.0 GHz Cellular Radio RF Power Transistor
PTB20193 ERICSSON-PTB20193 Datasheet
519Kb / 3P
60 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
PTB20264 ERICSSON-PTB20264 Datasheet
617Kb / 3P
10 Watts, 1.8-1.9 GHz Cellular Radio RF Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com