Electronic Components Datasheet Search
  English  ▼

X  

MTD2003SE Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2003SE
Description  Dual Full-bridge PWM Stepper Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2003SE Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2003SE Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2003SE Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MTD2003SE Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MTD2003SE Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MTD2003SE Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Stepper Motor Driver IC
W1002
MTD2003S
Shindengen Electric Mfg.Co.Ltd
Vcc=5V
Vcc
Rt
Ct
Rs
Rs
Vcc
9
13
24
19
23
26
27
4
28
30
21
11
3
31
5
6
2
+
-
R
S
Q
Current
Sensor
Current
Sensor
8
VmmB
VmmA
OUT3
OUT4
OUT2
OUT1
Vcc
IN1
IN2
CR
VsA
RsA
LG
PG
RsB
VsB
I1
I0
IN3
IN4
Vr
BLANK
R
S
Q
+
-
I0
I1
1,15,16,
17,18,32
7,25
Vref
■Block diagram / Typical application
●ONE SHOT OFF TIME
●Constant chopping current level
= Vr
10・Rs
015
.
0
−
Ichop
=
1
0.72・Ct・Rt
f
kΩ
pF
3300
18
Vcc
V
Ct
Rt
Vr
Symbol
Recommended component values
Unit
●Recommended component values



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com