Electronic Components Datasheet Search
  English  ▼

X  

MTD2003SE Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2003SE
Description  Dual Full-bridge PWM Stepper Motor Driver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2003SE Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2003SE Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2003SE Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MTD2003SE Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MTD2003SE Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MTD2003SE Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MTD2003S
W1002
Shindengen Electric Mfg.Co.Ltd
Dual Full-bridge
PWM Stepper Motor Driver
Stepper Motor Driver IC
MTD Series
Features
●Dual full bridge for a bipolar stepper motor driver
●Output current 1.2A , Output voltage 35V
●Constant current control(fixed frequency PWM control)
●2-bit digital current selection
●Noise cancellation function
●Built-in flywheel and flyback diodes
●Cross conduction protection
●Shrink-ZIP package (SZIP32)
IN 2 or 3
L
H
H
L
L
H
OUT 2 or 3
OUT 1 or 4
IN 1 or 4
H
L
H
H
OFF
OFF
L
L
OFF
OFF
L
H
H
L
H
L
H
L
I0
I1
0.17±10%
0.35±8%
-
0.50±5%
Vref[V]
(at Vr=5V)
33
70
0
100
Output current
ratio[%]
SZIP32
Vmm B
IN1
GND
CR
Vs B
NC
I1
IN3
IN4
Vcc
OUT4
NC
Rs B
NC
OUT3
GND
GND
GND
GND
NC
OUT2
NC
Rs A
NC
OUT1
Vmm A
Vcc
IN2
I0
Vs A
Vr
GND
MTD2003S
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
MARKING SIDE VIEW
■Absolute maxmum ratings / Ta=25℃
Parameter
Output voltage
Output current
Logic supply
Logic input
Allowable power disspation
Storage tmperature range
MaximumJunction temperature
Unit
V
A
V
V
W
℃
℃
Rating
35
1.2
0∼6
0∼Vcc
4.31
-40∼150
150
Symbol
Vmm
I
OUT
Vcc
V
LOGIC
P
D
Tstg
Tj
■Pin Assignment
■Truth table


Similar Part No. - MTD2003SE

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD2003S SHINDENGEN-MTD2003S Datasheet
215Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
More results

Similar Description - MTD2003SE

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTD2003B SHINDENGEN-MTD2003B Datasheet
57Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2003G SHINDENGEN-MTD2003G Datasheet
103Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2006G SHINDENGEN-MTD2006G Datasheet
107Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2003BE SHINDENGEN-MTD2003BE Datasheet
57Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2003GE SHINDENGEN-MTD2003GE Datasheet
103Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2006GE SHINDENGEN-MTD2006GE Datasheet
107Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2017FE SHINDENGEN-MTD2017FE Datasheet
91Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2017GE SHINDENGEN-MTD2017GE Datasheet
120Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2018FE SHINDENGEN-MTD2018FE Datasheet
91Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
MTD2018GE SHINDENGEN-MTD2018GE Datasheet
120Kb / 5P
Dual Full-bridge PWM Stepper Motor Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com