Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # FT232R
Description  Future Technology Devices International Ltd.
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232R Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button FT232R Datasheet HTML 35Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 36Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 37Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 38Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 39Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 40Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 41Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 42Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 43Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
43
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.10
Clearance No.: FTDI# 38
Appendix C - Revision History
Document Title:
USB UART IC FT232R
Document Reference No.:
FT_000053
Clearance No.:
FTDI# 38
Product Page:
http://www.ftdichip.com/FTProducts.htm
Document Feedback:
Send Feedback
Version 0.90
Initial Datasheet Created
August 2005
Version 0.96
Revised Pre-release datasheet
October 2005
Version 1.00
Full datasheet released
December 2005
Version 1.02
Minor revisions to datasheet
December 2005
Version 1.03
Manufacturer ID added to default EEPROM configuration; Buffer sizes added
January 2006
Version 1.04
QFN-32 Pad layout and solder paste diagrams added
January 2006
Version 2.00
Reformatted, updated package info, added notes for 3.3V operation;
June 2008
Part numbers, TID; added UART and CBUS characteristics for +1.8V;
Corrected RESET#; Added MTTF data;
Corrected the input switching threshold and input hysteresis values for VCCIO=5V
Version 2.01
Corrected pin-out number in table3.2 for GND pin18.
Improved graphics on some Figures.
Add packing details. Changed USB suspend current spec from 500uA to 2.5mA
Corrected Figure 9.2 QFN dimensions.
August 2008
Version 2.02
Corrected Tape and Reel quantities.
Added comment “PWREN# should be used with a 10kΩ resistor pull up”.
Replaced TXDEN# with TXDEN since it is active high in various places.
Added lot number to the device markings.
Added 3V3 regulator output tolerance.
Clarified VCC operation and added section headed “Using an external Oscillator”
Updated company contact information.
April 2009
Version 2.03
Corrected the RX/TX buffer definitions to be relative to the USB interface
June 2009
Version 2.04
Additional dimensions added to QFN solder profile
June 2009
Version 2.05
Modified package dimensions to 5.0 x 5.0 +/-0.075mm.
December 2009
and Solder paste diagram to 2.50 x 2.50 +/-0.0375mm
Added Windows 7 32, 64 bit driver support
Added FT_PROG utility references
Added Appendix A-references.Figure 2.1 updated.
Updated USB-IF TID for Rev B
Version 2.06
Updated section 6.2, Figure 6.2 and the note,
May 2010
Updated section 5.3, Table 5.13, EEPROM data retention time
Version 2.07 Added USB Certification Logos
July 2010
Version 2.08 Updated USB-IF TID for Rev C
April 2011
Version 2.09 Corrected Rev C TID number
April 2011
Version 2.10 Table 3.9, added clock output frequency within ±0.7%
March 2012
Edited Table 3.9, TXLED# and TXLED# Description
Added feedback links



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com