Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FT232R
Description  Future Technology Devices International Ltd.
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FT232R Datasheet HTML 1Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 2Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 3Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 4Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 5Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 6Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 7Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 8Page - List of Unclassifed Manufacturers FT232R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
5
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.10
Clearance No.: FTDI# 38
Table of Contents
1 Typical Applications ........................................................................ 2
1.1
Driver Support .................................................................................... 2
1.2
Part Numbers...................................................................................... 2
Note: Packing codes for xxxx is:.................................................................. 2
1.3
USB Compliant .................................................................................... 3
2 FT232R Block Diagram .................................................................... 4
3 Device Pin Out and Signal Description ............................................ 7
3.1
28-LD SSOP Package .......................................................................... 7
3.2
SSOP Package Pin Out Description...................................................... 7
3.3
QFN-32 Package ............................................................................... 10
3.4
QFN-32 Package Signal Description .................................................. 10
3.5
CBUS Signal Options ......................................................................... 13
4 Function Description ..................................................................... 14
4.1
Key Features..................................................................................... 14
4.2
Functional Block Descriptions ........................................................... 15
5 Devices Characteristics and Ratings.............................................. 17
5.1
Absolute Maximum Ratings............................................................... 17
5.2
DC Characteristics............................................................................. 18
5.3
EEPROM Reliability Characteristics ................................................... 21
5.4
Internal Clock Characteristics........................................................... 21
6 USB Power Configurations ............................................................ 23
6.1
USB Bus Powered Configuration ...................................................... 23
6.2
Self Powered Configuration .............................................................. 24
6.3
USB Bus Powered with Power Switching Configuration .................... 25
6.4
USB Bus Powered with Selectable External Logic Supply .................. 26
7 Application Examples .................................................................... 27
7.1
USB to RS232 Converter ................................................................... 27
7.2
USB to RS485 Coverter ..................................................................... 28
7.3
USB to RS422 Converter ................................................................... 29
7.4
USB to MCU UART Interface .............................................................. 30
7.5
LED Interface.................................................................................... 31
7.6
Using the External Oscillator ............................................................ 32
8 Internal EEPROM Configuration .................................................... 33
9 Package Parameters ..................................................................... 35
9.1
SSOP-28 Package Dimensions .......................................................... 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com