Electronic Components Datasheet Search
  English  ▼

X  

FT232RL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FT232RL
Description  Future Technology Devices International Ltd.
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232RL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FT232RL Datasheet HTML 1Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 2Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 3Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 4Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 5Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 6Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 7Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 8Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
4
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.10
Clearance No.: FTDI# 38
2 FT232R Block Diagram
Figure 2.1 FT232R Block Diagram
For a description of each function please refer to Section 4.
x4 Clock
Multiplier
UART
FIFO Controller
Serial Interface
Engine
( SIE )
USB
Protocol Engine
Baud Rate
Generator
UART Controller
with
Programmable
Signal Inversion
3.3 Volt
LDO
Regulator
USB
Transceiver
with
Integrated
Series
Resistors
and 1.5K
Pull-
up
USB DPLL
Internal
12MHz
Oscillator
48MHz
48MHz
OCSI
(optional)
OSCO
(optional)
USBDP
USBDM
3V3OUT
VCC
DBUS0
DBUS1
DBUS2
DBUS3
DBUS4
DBUS5
DBUS6
DBUS7
CBUS0
CBUS2
CBUS3
SLEEP#
RESET#
TEST
GND
Reset
Generator
3V3OUT
CBUS1
FIFO RX
Buffer
FIFO TX Buffer
Internal
EEPROM
To USB Transeiver Cell
CBUS4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com