Electronic Components Datasheet Search
  English  ▼

X  

FT232RL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT232RL
Description  Future Technology Devices International Ltd.
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232RL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT232RL Datasheet HTML 1Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 2Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 3Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 4Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 5Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 6Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 7Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 8Page - List of Unclassifed Manufacturers FT232RL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
1
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.10
Clearance No.: FTDI# 38
Future Technology Devices
International Ltd.
FT232R USB UART IC
The FT232R is a USB to serial UART
interface with the following advanced
features:
Single chip USB to asynchronous serial data
transfer interface.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Fully integrated 1024 bit EEPROM storing
device descriptors and CBUS I/O configuration.
Fully integrated USB termination resistors.
Fully integrated clock generation with no
external crystal required plus optional clock
output selection enabling a glue-less interface
to external MCU or FPGA.
Data transfer rates from 300 baud to 3 Mbaud
(RS422, RS485, RS232 ) at TTL levels.
128 byte receive buffer and 256 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI‟s royalty-free Virtual Com Port (VCP) and
Direct
(D2XX)
drivers
eliminate
the
requirement for USB driver development in
most cases.
Unique USB FTDIChip-ID™ feature.
Configurable CBUS I/O pins.
Transmit and receive LED drive signals.
UART interface support for 7 or 8 data bits, 1
or 2 stop bits and odd / even / mark / space /
no parity
FIFO receive and transmit buffers for high data
throughput.
Synchronous
and
asynchronous
bit
bang
interface options with RD# and WR# strobes.
Device supplied pre-programmed with unique
USB serial number.
Supports bus powered, self powered and high-
power bus powered USB configurations.
Integrated +3.3V level converter for USB I/O.
Integrated level converter on UART and CBUS
for interfacing to between +1.8V and +5V
logic.
True 5V/3.3V/2.8V/1.8V CMOS drive output
and TTL input.
Configurable I/O pin output drive strength.
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no
external filtering required.
UART signal inversion option.
+3.3V (using external oscillator) to +5.25V
(internal oscillator) Single Supply Operation.
Low operating and USB suspend current.
Low USB bandwidth consumption.
UHCI/OHCI/EHCI host controller compatible.
USB 2.0 Full Speed compatible.
-40°C to 85°C extended operating temperature
range.
Available in compact Pb-free 28 Pin SSOP and
QFN-32 packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT232RL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232RL FTDI-FT232RL Datasheet
795Kb / 29P
Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
FT232RL FTDI-FT232RL Datasheet
254Kb / 13P
Bit Bang Modes for the FT232R and FT245R
FT232RL FTDI-FT232RL Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
FT232RL-2000 FTDI-FT232RL-2000 Datasheet
774Kb / 43P
USB UART IC - Single chip USB to asynchronous serial data transfer interface
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
USB UART IC
More results

Similar Description - FT232RL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
DS_USB-COM422-PLUS1 ETC2-DS_USB-COM422-PLUS1 Datasheet
678Kb / 23P
Future Technology Devices International Ltd
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com