Electronic Components Datasheet Search
  English  ▼

X  

NPA1003 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # NPA1003
Description  Gallium Nitride 28V, 5W, 20-1500 MHz MMIC Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPA1003 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  NPA1003 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPA1003 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
NPA1003
NDS-030 Rev. 4, 011414
20 - 1500 MHz Broadband Circuit
(CW, VDS=28V, IDQ=100mA, TC=25C, unless otherwise noted)
Figure 2: Component Placement of 20 - 1500MHz Broadband Circuit for NPA1003
Reference
Value
Manufacturer
Part Number
C1
10µF
TDK
C2012X5R1C106M085AC
C2
0.01µF
AVX
06031C103JAT2A
C3
4.7µF
TDK
C5750X7R2A475K230KA
C4, C5
2400pF
Dielectric Labs, Inc.
C08BL242X-5UN-X0
R1
49.9Ω
Panasonic
ERJ-6ENF49R9V
R2
0Ω
Panasonic
ERJ-3GEY0R00V
L1, L2
0.9µH
Coilcraft
1008AF-901XJLC
PCB
RO4350,
r=3.5, 0.020”
Rogers
Nitronex NBD-098r1
Figure 1. Electrical Schematic of 20 - 1500MHz Broadband Circuit for NPA1003
(For RF Tuning details see Component Placement Diagram Figure 2)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com