Electronic Components Datasheet Search
  English  ▼

X  

NPT1010 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1010
Description  Gallium Nitride 28V, 100W RF Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1010 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  NPT1010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NPT1010
NDS-023 Rev. 3, April 2013
NPT1010
Page 3
Frequency (MHz)
ZS (W)
ZL (W)
PSAT (W)
GSS (dB)
Drain Efficiency @ PSAT (%)
500
2.8 + j2.2
2.7 + j2.0
100
24.5
71%
900
1.1 - j0.5
1.9 + j0.6
100
21.0
70%
1500
1.1 - j3.6
2.0 - j1.2
100
17.0
63%
2000
1.1 - j4.9
1.9 - j3.8
89
14.5
59%
Load-Pull Data, Reference Plane at Device Leads
VDS=28V, IDQ=700mA, TA=25°C unless otherwise noted
73%
49dBm
Figure 3 - Optimum Impedances for CW
Performance. Z0 = 5 Ω
Figure 4 - Load-Pull Contours, 500MHz,
PIN = 27dBm, ZS = 2.8 + j2.2 Ω
68%
49dBm
Figure 5 - Load-Pull Contours, 900MHz,
PIN = 32.5dBm, ZS = 1.1 - j0.5 Ω
Table 1: Optimum Source and Load Impedances for CW Gain, Drain Efficiency, and Output Power Performance
ZS is the source impedance
presented to the device.
ZL is the load impedance
presented to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com