Electronic Components Datasheet Search
  English  ▼

X  

NPT1010 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # NPT1010
Description  Gallium Nitride 28V, 100W RF Power Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT1010 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  NPT1010 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT1010 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NPT1010
NDS-023 Rev. 3, April 2013
NPT1010
Page 4
53%
48.5dBm
63%
48.5dBm
Figure 6 - Load-Pull Contours, 1500MHz,
PIN = 29dBm, ZS = 1.1 - j3.6 Ω
Figure 7 - Load-Pull Contours, 2000MHz,
PIN = 36dBm, ZS = 1.1 - j4.9 Ω
Figure 8 - Typical CW Performance Over Voltage in
Load-Pull, 900MHz
Figure 9 - Typical CW Performance Over
Temperature in Nitronex Test Fixture, 900MHz
Figure 10 - Quiescient Gate Voltage (VGSQ) Required
to Reach IDQ as a Function of Ambient Temperature,
VDS = 28V
Figure 11 - MTTF of NRF1 Devices as a
Function of Junction Temperature
Load-Pull Data, Reference Plane at Device Leads
VDS=28V, IDQ=700mA, TA=25°C unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com