Electronic Components Datasheet Search
  English  ▼

X  

NPT2018 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # NPT2018
Description  Gallium Nitride 48V, 12.5W, DC-6 GHz HEMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2018 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  NPT2018 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT2018 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT2018 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT2018 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT2018 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
NPT2018
Preliminary
Preliminary Datasheet
NDS-042 Rev. 2, 020314
Symbol
Parameter
Min
Typ
Max
Units
Off Characteristics
IDLK
Drain-Source Leakage Current
(VGS=-8V, VDS=160V)
-
-
3
mA
IGLK
Gate-Source Leakage Current
(VGS=-8V, VDS=0V)
-
-
1.5
mA
On Characteristics
VT
Gate Threshold Voltage
(VDS=48V, ID=3mA)
-2.5
-1.5
-0.5
V
VGSQ
Gate Quiescent Voltage
(VDS=48V, ID=75mA)
-2.1
-1.2
-0.3
V
RON
On Resistance
(VDS=2V, ID=22mA)
-
1.6
-
ID, MAX
Maximum Drain Current
(VDS=7V pulsed, 300µS pulse width,
0.2% Duty Cycle)
-
1.75
-
A
DC Specifications: TC = 25°C
Thermal Resistance Specification:
Symbol
Parameter
Typ
Units
RJC
Thermal Resistance (Junction-to-Case),
TJ = 200 °C
6.5
°C/W
Absolute Maximum Ratings: Not simultaneous, TC = 25°C unless otherwise noted
Symbol
Parameter
Max
Units
VDS
Drain-Source Voltage
160
V
VGS
Gate-Source Voltage
-10 to 3
V
IG
Gate Current
6
mA
PT
Total Device Power Dissipation (Derated above 25°C)
26.9
W
TSTG
Storage Temperature Range
-65 to 150
°C
TJ
Operating Junction Temperature
200
°C
HBM
Human Body Model ESD Rating (per JESD22-A114)
Class 1A
MSL
Moisture sensitivity level (per IPC/JEDEC J-STD-020)
TBD
Junction Temperature (TJ) measured using IR Microscopy, Case Temperature (TC) measured using a thermocouple embedded in
heatsink.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com