Electronic Components Datasheet Search
  English  ▼

X  

NPT2018 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # NPT2018
Description  Gallium Nitride 48V, 12.5W, DC-6 GHz HEMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2018 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  NPT2018 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT2018 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT2018 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT2018 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT2018 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3
NPT2018
Preliminary
Preliminary Datasheet
NDS-042 Rev. 2, 020314
Frequency
(MHz)
ZS ()
ZL ()
PSAT (W)
GSS (dB)
Drain Efficiency
@ PSAT (%)
900
8.8 + j10.3
31 + j36
17
25.0
64
2500
4.1 - j2.9
12.5 + j18
16
18.0
59
4000
4.5 - j9.5
7.5 + j9.4
14
15.0
51
5800
5.3 - j21.5
5.0 - j1.6
12
13.5
45
Optimum Source and Load Impedances:
(CW Drain Efficiency and Output Power Tradeoff Impedance)
Figure 1: CW Power/Drain Efficiency
Tradeoff Impedances, ZO=50
Load-Pull Data, Reference Plane at Device Leads
VDS=48V, IDQ=75mA, TC=25C unless otherwise noted
Figure 2: Gain vs. POUT
Figure 3: Efficiency vs. POUT
5
10
15
20
25
30
20
25
30
35
40
45
900MHz
2500MHz
4000MHz
5800MHz
P
OUT (dBm)
0
10
20
30
40
50
60
70
20
25
30
35
40
45
900MHz
2500MHz
4000MHz
5800MHz
P
OUT (dBm)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com