Electronic Components Datasheet Search
  English  ▼

X  

PN200 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # PN200
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

PN200 Datasheet(HTML) 2 Page - Continental Device India Limited

  PN200 Datasheet HTML 1Page - Continental Device India Limited PN200 Datasheet HTML 2Page - Continental Device India Limited PN200 Datasheet HTML 3Page - Continental Device India Limited PN200 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PN200
PN200A
TO-92
Plastic Package
COMPLEMENTARY PN100, PN100A
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless otherwise specified)
DC Current Gain
hFE*
IC=1mA, VCE=1V
>40
>40
>40
>40
IC=10mA, VCE=1V
100-450 300-600 100-450
300-600
IC=150mA, VCE=1V*
>100
>100
IC=150mA, VCE=2V*
>100
>100
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=20mA, VCE=10V
f=100MHz
PN100, A
>200
MHz
PN200, A
>150
MHz
*Pulse Condition: = Width < 300
µµs, Duty Cycle < 2%.
DESCRIPTION
SYMBOL
TEST CONDITION
PN200A
PN100 PN100A PN200
E B
C
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com