Electronic Components Datasheet Search
  English  ▼

X  

PN200 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # PN200
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

PN200 Datasheet(HTML) 1 Page - Continental Device India Limited

  PN200 Datasheet HTML 1Page - Continental Device India Limited PN200 Datasheet HTML 2Page - Continental Device India Limited PN200 Datasheet HTML 3Page - Continental Device India Limited PN200 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PN200
PN200A
TO-92
Plastic Package
COMPLEMENTARY PN100, PN100A
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
Collector Emitter Voltage
V
Collector Base Voltage
V
Emitter Base Voltage
V
Collector Current Continuous
mA
Power Dissipation @ Ta=25ºC
mW
Operating And Storage Junction
Temperature Range
THERMAL RESISTANCE
Junction to Ambient in free air
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless otherwise specified)
MIN
MAX
Collector Emitter Breakdown Voltage
BVCEO*
IC=1mA,IB=0
35
V
Collector Base Breakdown Voltage
BVCBO
IC=100µA,IE=0
60
V
Emitter Base Breakdown Voltage
BVEBO
IE=100µA, IC=0
5
V
Base Cut off Current
ICBO
VCB=35V, IE = 0
500
nA
Collector Emitter Saturation Voltage
VCE(sat)*
IC=150mA, IB=15mA
0.4
V
PN100, A
IC=500mA, IB=50mA
1.0
V
PN200, A
2.0
V
Base Emitter Saturation Voltage
VBE(sat)*
IC=150mA, IB=15mA
0.95
V
PN100, A
IC=500mA, IB=50mA
1.2
V
PN200, A
1.3
V
*Pulse Condition: = Width < 300
µµs, Duty Cycle < 2%.
ºC
200
UNITS
-55 to +150
DESCRIPTION
SYMBOL
TEST CONDITION
VALUE
Tj, Tstg
Rth(j-a)
DESCRIPTION
VALUE
SYMBOL
625
PD
500
VCEO
VCBO
VEBO
IC
UNITS
35
60
5
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - PN200

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN200 FAIRCHILD-PN200 Datasheet
51Kb / 4P
PNP General Purpose Amplifier
PN200 FAIRCHILD-PN200 Datasheet
491Kb / 12P
PNP General Purpose Amplifier
PN200 FAIRCHILD-PN200 Datasheet
883Kb / 12P
PNP General Purpose Amplifier
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
logo
California Eastern Labs
PN2009 CEL-PN2009 Datasheet
114Kb / 1P
Mounting Pad Dimensions for Renesas Optocouplers & Solid State Relays
More results

Similar Description - PN200

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com