Electronic Components Datasheet Search
  English  ▼

X  

MPSA44 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MPSA44
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPSA44 Datasheet(HTML) 2 Page - Continental Device India Limited

  MPSA44 Datasheet HTML 1Page - Continental Device India Limited MPSA44 Datasheet HTML 2Page - Continental Device India Limited MPSA44 Datasheet HTML 3Page - Continental Device India Limited MPSA44 Datasheet HTML 4Page - Continental Device India Limited MPSA44 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA44
MPSA45
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNITS
DC Current Gain
*hFE
VCE=10V, IC=1mA
VCE=10V, IC=10mA
200
VCE=10V, IC=50mA
VCE=10V, IC=100mA
Collector Emitter Saturation Voltage *VCE (sat)
IC=1mA, IB=0.1mA
0.40
V
IC=10mA, IB=1mA
0.50
V
IC=50mA, IB=5mA
0.75
V
Base Emitter Saturation Voltage
*VBE (sat)
IC=10mA, IB=1mA
0.75
V
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNITS
Output Capacitance
Cobo
VCB=20V, IE=0, f=1MHz
7
pF
Input Capacitance
Cibo
VEB=0.5V, IC=0, f=1MHz
130
pF
Small Signal Current Gain
hfe
IC=10mA, VCE=10V, f=10MHz
*Pulse test: Pulse Width <300
µµs, Duty Cycle<2%
MIN
2
50
45
40
MIN
40
E B
C
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com