Electronic Components Datasheet Search
  English  ▼

X  

MPSA44 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPSA44
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPSA44 Datasheet(HTML) 1 Page - Continental Device India Limited

  MPSA44 Datasheet HTML 1Page - Continental Device India Limited MPSA44 Datasheet HTML 2Page - Continental Device India Limited MPSA44 Datasheet HTML 3Page - Continental Device India Limited MPSA44 Datasheet HTML 4Page - Continental Device India Limited MPSA44 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA44
MPSA45
TO-92
Plastic Package
High Voltage Transistors
Complementary of MPSA44 is MPSA94
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
UNITS
Collector Base Voltage
V
Collector Emitter Voltage
V
Emitter Base Voltage
V
Collector Current
mA
Power Dissipation @ Ta=25ºC
mW
Derate Above 25ºC
mW/ºC
Power Dissipation @ Tc=25ºC
W
Derate Above 25ºC
mW/ºC
Operating And Storage Junction
Temperature Range
ºC
THERMAL CHARACTERISTICS
Junction to Case
ºC
Junction to Ambient in free air
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MAX
UNITS
Collector Emitter Voltage
VCEO
IC=1mA, IB=0
MPSA44
V
MPSA45
V
Collector Emitter Voltage
VCES
IC=100µA, VBE=0
MPSA44
V
MPSA45
V
Collector Base Voltage
VCBO
IC=100µA, IE=0
MPSA44
V
MPSA45
V
Emitter Base Voltage
VEBO
IE=10µA, IC=0
V
Collector Cut Of Current
ICBO
V CB=400V, IE=0,
MPSA44
100
nA
VCB=320V, IE=0,
MPSA45
100
nA
Collector Cut Off Current
ICES
VCE=400V, VBE = 0, MPSA44
500
nA
VCE=320V, VBE = 0, MPSA45
500
nA
Emitter Cut off Current
IEBO
VEB=4V, IC = 0
100
nA
500
400
6
400
350
500
400
SYMBOL
625
PD
5.0
1.5
MPSA44
MPSA45
500
400
400
350
6.0
VCBO
VCEO
VEBO
12
IC
300
PD
- 55 to +150
Rth (j-c)
Rth (j-a)
83.3
200
Tj, Tstg
MIN
E B
C
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPSA44

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA44 MOTOROLA-MPSA44 Datasheet
170Kb / 6P
High Voltage Transistor
logo
ON Semiconductor
MPSA44 ONSEMI-MPSA44 Datasheet
170Kb / 6P
High Voltage Transistor(NPN Silicon)
1996
logo
NXP Semiconductors
MPSA44 PHILIPS-MPSA44 Datasheet
42Kb / 8P
NPN high-voltage transistor
1999 Apr 27
logo
KEC(Korea Electronics)
MPSA44 KEC-MPSA44 Datasheet
78Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Micro Commercial Compon...
MPSA44 MCC-MPSA44 Datasheet
660Kb / 3P
NPN Silicon High Voltage Transistor 625mW
More results

Similar Description - MPSA44

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com