Electronic Components Datasheet Search
  English  ▼

X  

MPS2907 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # MPS2907
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS2907 Datasheet(HTML) 3 Page - Continental Device India Limited

  MPS2907 Datasheet HTML 1Page - Continental Device India Limited MPS2907 Datasheet HTML 2Page - Continental Device India Limited MPS2907 Datasheet HTML 3Page - Continental Device India Limited MPS2907 Datasheet HTML 4Page - Continental Device India Limited MPS2907 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907
MPS2907A
TO-92
Plastic Package
SWITCHING CHARCTERISTICS
SYMBOL TEST CONDITION
MPS2907
MPS2907A
UNITS
IC =150mA,IB1 =15mA,
MIN
MAX
MIN
MAX
VCC =30V
Delay Time
td
10
10
ns
Rise Time
tr
40
40
ns
Turn On Time
ton
45
45
ns
IC =150mA, IB1= IB2 15mA,
VCC =6V
Storage Time
ts
80
80
ns
Fall Time
tf
30
30
ns
Turn Off Time
toff
100
100
ns
*Pulse Condition: Width < 300us, Duty Cycle < 2%.
(1)f
T is defined as the frequency at which IhfeI extrapolates to unity.
Continental Device India Limited
Data Sheet
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com