Electronic Components Datasheet Search
  English  ▼

X  

MPS2907 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MPS2907
Description  PNP SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS2907 Datasheet(HTML) 1 Page - Continental Device India Limited

  MPS2907 Datasheet HTML 1Page - Continental Device India Limited MPS2907 Datasheet HTML 2Page - Continental Device India Limited MPS2907 Datasheet HTML 3Page - Continental Device India Limited MPS2907 Datasheet HTML 4Page - Continental Device India Limited MPS2907 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2907
MPS2907A
TO-92
Plastic Package
General Purpose Transistors
ABSOLUTE MAXIMUM RATINGS(Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MPS2907
MPS2907A
UNITS
Collector Emitter Voltage
VCEO
40
60
V
Collector Base Voltage
VCBO
60
75
V
Emitter Base Voltage
VEBO
5V
Collector Current Continuous
IC
600
mA
Power Dissipation @ Ta=25ºC
PD
625
mW
Derate Above 25ºC
5
mW/ºC
Power Dissipation @ Tc=25ºC
PD
1.5
W
Derate Above 25ºC
12
mW/ºC
Operating And Storage Junction
Tj, Tstg
-55 to +150
ºC
Temperature Range
THERMAL RESISTANCE
Junction to ambient
Rth(j-a)
200
ºC/W
Junction to case
Rth(j-c)
83.3
ºC/W
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MPS2907

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS2907 MOTOROLA-MPS2907 Datasheet
245Kb / 6P
General Purpose Transistors
logo
ON Semiconductor
MPS2907 ONSEMI-MPS2907 Datasheet
115Kb / 8P
General Purpose Transistors(PNP Silicon)
October, 2001 ??Rev. 0
logo
Samsung semiconductor
MPS2907 SAMSUNG-MPS2907 Datasheet
74Kb / 2P
PNP (GENERAL PURPOSE TRANSISTOR)
MPS2907 SAMSUNG-MPS2907 Datasheet
36Kb / 1P
PNP (GENERAL PURPOSE TRANSISTOR)
logo
Weitron Technology
MPS2907 WEITRON-MPS2907 Datasheet
229Kb / 4P
PNP General Purpose Transistors
More results

Similar Description - MPS2907

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSA673 CDIL-CSA673 Datasheet
101Kb / 3P
PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SA1813 KEXIN-2SA1813 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1252 KEXIN-2SA1252 Datasheet
38Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1120 KEXIN-2SB1120 Datasheet
51Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SB1302 KEXIN-2SB1302 Datasheet
58Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SB1323 KEXIN-2SB1323 Datasheet
55Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1745 KEXIN-2SA1745 Datasheet
46Kb / 1P
PNP Epitaxial Planar Silicon Transistors
2SA1607 KEXIN-2SA1607 Datasheet
39Kb / 2P
PNP Epitaxial Planar Silicon Transistors
2SA1179 KEXIN-2SA1179 Datasheet
37Kb / 1P
PNP Epitaxial Planar Silicon Transistors
logo
Dongguan Pingjingsemi T...
BC807 PJSEMI-BC807 Datasheet
657Kb / 3P
PNP Silicon Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com