Electronic Components Datasheet Search
  English  ▼

X  

MPS2222 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MPS2222
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS2222 Datasheet(HTML) 2 Page - Continental Device India Limited

  MPS2222 Datasheet HTML 1Page - Continental Device India Limited MPS2222 Datasheet HTML 2Page - Continental Device India Limited MPS2222 Datasheet HTML 3Page - Continental Device India Limited MPS2222 Datasheet HTML 4Page - Continental Device India Limited MPS2222 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222
MPS2222A
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MPS2222
MPS2222A
UNITS
Collector Emitter Voltage
BVCEO
IC=10mA,IB=0
>30
>40
V
Collector Base Voltage
BVCBO
IC=10µA,IE=0
>60
>75
V
Emitter Base Voltage
BVEBO
IE=10µA, IC=0
>5
>6
V
Collector Cut off Current
ICEX
VCE =60V, VBE=3.0V
<10
nA
Collector Cut off Current
ICBO
<0.01
µA
ICBO
VCB=50V, IE = 0
<0.01
µA
ICBO
VCB=60V, IE = 0
<10
µA
ICBO
VCB=50V, IE = 0
<10
µA
Ta= 125ºC
ICBO
VCB=60V, IE = 0
Ta= 125ºC
Emitter Cut off Current
IEBO
VBE=3V, IC = 0
<10
nA
Base Cut off Current
IBL
VCE=60V,VBE=3.0V
<20
nA
DC Current Gain
µA
hFE
VCE=10V,IC=0.1mA
>35
>35
VCE=10V,IC=1mA
>50
>50
VCE=10V,IC=10mA
>75
>75
VCE=10V,IC=10mA
>35
TA = -55 ºC
VCE=10V*,IC=150mA
100-300
100-300
VCE=1V*,IC=150mA
>50
>50
VCE=10V*,IC=500mA
>30
>40
VBE(sat)*
IC=150mA,IB=15mA
<1.3
0.6-1.2
V
VBE(sat)*
IC=500mA,IB= 50mA
<2.6
<2.0
V
VCE(sat)*
IC=150mA,IB=15mA
<0.4
<0.3
V
IC=500mA,IB=50mA
<1.6
<1.0
V
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com