Electronic Components Datasheet Search
  English  ▼

X  

MPS2222 Datasheet(PDF) 3 Page - Continental Device India Limited

Part # MPS2222
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MPS2222 Datasheet(HTML) 3 Page - Continental Device India Limited

  MPS2222 Datasheet HTML 1Page - Continental Device India Limited MPS2222 Datasheet HTML 2Page - Continental Device India Limited MPS2222 Datasheet HTML 3Page - Continental Device India Limited MPS2222 Datasheet HTML 4Page - Continental Device India Limited MPS2222 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222
MPS2222A
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC Unless Specified Otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
MPS2222
MPS2222A
UNITS
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
IC=20mA, VCE=20V
f=100MHz
>250
>300
MHz
Output Capacitance
Cob
IE=0, VCB=10V
f=1MHz
<8
PF
Input Capacitance
Cib
Ic=0, VEB=0.5V
f=1MHz
<30
<25
PF
Input Impedance
hie
IC=1mA, VCE=10V
f=1KHz
2.0-8.0
KW
IC=10mA, VCE=10V
f=1KHz
0.25-1.25
KW
Reverse VoltgeTransfer Ratio
hre
IC=1mA, VCE=10V
f=1KHz
<8
x 10
-4
IC=10mA, VCE=10V
f=1KHz
<4
x 10
-4
Output Admittance
hoe
IC=1mA, VCE=10V
f=1KHz
5-35
µMHO
IC=10mA, VCE=10V
f=1KHz
25-200
µMHO
Noise Figure
NF
VCE =10V,IC=100uA
RS=1KOHMS,f=1KHZ
<4
dB
Collector Base Time Constant
rb' Cc
VCE =20V,IC=20mA
,f=31.8MHZ
<150
ps
Small Signal Current Gain
| hfe |VCE =10V,IC=1mA
50-300
f=1KHZ
VCE =10V,IC=10mA
75-375
f=1KHZ
SWITCHING CHARCTERISTICS
SYMBOL TEST CONDITION
MPS2222
MPS2222A
UNITS
Delay Time/Rise Time
td
VCC =30V, VEB =0.5V
<10
ns
tr
IC =150mA, IB1= 15mA
<25
ns
Storage Time/Fall Time
ts
IC =150mA, IB1= IB2 15mA
<225
ns
tf
VCC =30V
<60
ns
*Pulse Condition: = Width < 300us, Duty Cycle < 2%.
Continental Device India Limited
Data Sheet
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com