Electronic Components Datasheet Search
  English  ▼

X  

MJE243 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # MJE243
Description  NPN EPITAXIAL SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJE243 Datasheet(HTML) 2 Page - Continental Device India Limited

  MJE243 Datasheet HTML 1Page - Continental Device India Limited MJE243 Datasheet HTML 2Page - Continental Device India Limited MJE243 Datasheet HTML 3Page - Continental Device India Limited MJE243 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN EPITAXIAL SILICON POWER TRANSISTOR
MJE243
TO-126
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
Dynamic Characteristics
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Current Gain-Bandwidth Product
fT
IC=100mA, VCE=10V,
40
MHz
f=10MHz
Output Capacitance
Cob
IE=0,VCB=10V, f=0.1MHz
50
pF
B
C
E
Continental Device India Limited
Data Sheet
Page 2 of
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com