Electronic Components Datasheet Search
  English  ▼

X  

MJE243 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # MJE243
Description  NPN EPITAXIAL SILICON POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

MJE243 Datasheet(HTML) 1 Page - Continental Device India Limited

  MJE243 Datasheet HTML 1Page - Continental Device India Limited MJE243 Datasheet HTML 2Page - Continental Device India Limited MJE243 Datasheet HTML 3Page - Continental Device India Limited MJE243 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN EPITAXIAL SILICON POWER TRANSISTOR
MJE243
TO-126
Plastic Package
Complementary MJE253
Designed for Low Power Audio Amplifier and Low-Current, High-Speed Switching Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
Value
UNIT
Collector Base Voltage
VCBO
100
V
Collector Emitter Voltage
VCEO
100
V
Emitter Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
4.0
A
Peak
8.0
Base Current
IB
1.0
A
Total Power Dissipation @ Tc=25 ºC
PD
15
W
Derate Above 25ºC
0.12
W/ºC
Total Power Dissipation @ Ta=25 ºC
PD
1.5
W
Derate Above 25ºC
0.012
W/ºC
Operating and Storage Junction
Tj, Tstg
- 65 to +150
ºC
Temperature Range
Thermal Characteristics
Junction to Case
Rth(j-c)
8.34
ºC/W
Junction to Ambient
Rth(j-a)
83.4
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaning Voltage
VCEO (Sus)
IC=10mA, IB=0
100
V
Collector Cut off Current
ICBO
VCB=100V, IE=0
0.1
µA
TC=125ºC
VCB=100V, IE=0
0.1
mA
Emitter Cut off Current
IEBO
VBE=7V, IC=0
0.1
µA
DC Current Gain
hFE
IC=200mA, VCE=1V
40
180
IC=1A, VCE=1V
15
Collector Emitter Saturation Voltage
VCE (Sat)
IC=500mA, IB=50mA
0.3
V
IC=1A, IB=100mA
0.6
Base Emitter Saturation Voltage
VBE (Sat)
IC=2A, IB=200mA
1.8
V
Base Emitter on Voltage
VBE (on)
IC=500mA, VCE=1V
1.5
V
B
C
E
Continental Device India Limited
Data Sheet
Page 1 of
4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - MJE243

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE243 MOTOROLA-MJE243 Datasheet
235Kb / 6P
4 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 100 VOLTS 15 WATTS
logo
ON Semiconductor
MJE243 ONSEMI-MJE243 Datasheet
235Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 7
logo
Central Semiconductor C...
MJE243 CENTRAL-MJE243 Datasheet
76Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
MJE243 ONSEMI-MJE243 Datasheet
90Kb / 6P
Complementary Silicon Power Plastic Transistors 100 VOLTS, 15 WATTS
February, 2006 ??Rev. 11
logo
Inchange Semiconductor ...
MJE243 ISC-MJE243 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - MJE243

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSD73 CDIL-CSD73 Datasheet
172Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
BD237-S CDIL-BD237-S Datasheet
74Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2395 CDIL-CDD2395 Datasheet
136Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
CSC1507 CDIL-CSC1507 Datasheet
86Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CSD1833 CDIL-CSD1833 Datasheet
116Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
ST2SD1691T SEMTECH_ELEC-ST2SD1691T Datasheet
145Kb / 1P
NPN Silicon Epitaxial Power Transistor
BD135T SEMTECH_ELEC-BD135T Datasheet
216Kb / 2P
NPN Silicon Epitaxial Power Transistor
logo
Weitron Technology
2SD313 WEITRON-2SD313 Datasheet
201Kb / 4P
NPN Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
CDL6718 CDIL-CDL6718 Datasheet
69Kb / 3P
NPN EPITAXIAL SILICON POWER TRANSISTOR
CDD2061 CDIL-CDD2061 Datasheet
139Kb / 3P
NPN SILICON EPITAXIAL POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com