Electronic Components Datasheet Search
  English  ▼

X  

PA75CC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PA75CC
Description  Dual Power Operational Amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA75CC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PA75CC Datasheet HTML 1Page - List of Unclassifed Manufacturers PA75CC Datasheet HTML 2Page - List of Unclassifed Manufacturers PA75CC Datasheet HTML 3Page - List of Unclassifed Manufacturers PA75CC Datasheet HTML 4Page - List of Unclassifed Manufacturers PA75CC Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
PA75U
PA75
PARAMETER
TEST CONDITIONS 2
MIN
TYP
MAX
UNITS
INPUT
OFFSET VOLTAGE, initial
1
15
mV
OFFSET VOLTAGE, vs. temperature
Full temperature range
20
µV/°C
BIAS CURRENT, initial
100
500
nA
COMMON MODE RANGE
Full temperature range
–VS
+VS–1.3
V
COMMON MODE REJECTION, DC
Full temperature range
60
90
dB
POWER SUPPLY REJECTION
Full temperature range
60
90
dB
CHANNEL SEPARATION
IOUT = 500mA, ƒ = 1kHz
50
68
dB
INPUT NOISE VOLTAGE
RS = 100Ω, ƒ = 1 to 100kHz
22
nV/√Hz
GAIN
OPEN LOOP GAIN
Full temperature range
89
100
dB
GAIN BANDWIDTH PRODUCT
AV = 40dB
0.9
1.4
MHz
PHASE MARGIN
Full temperature range, RL = 2KΩ, CL = 100pF
65
°
POWER BANDWIDTH
VO(P-P) = 28V
13.6
kHz
OUTPUT
CURRENT, peak
1.5
A
SLEW RATE
1
1.4
V/µs
VOLTAGE SWING
Full Temperature Range, IO = 100mA
|VS| - 1.1
|VS| - .8
V
VOLTAGE SWING
Full Temperature Range, IO = 1A
|VS| - 1.8
|VS| - 1.4
V
HARMONIC DISTORTION
AV = 1, R2 = 50Ω, VO = .5VRMS, ƒ = 1kHz
.02
%
POWER SUPPLY
VOLTAGE, VSS3
5
30
40
V
CURRENT, quiescent, total
8
10
mA
THERMAL
RESISTANCE,DC junction to case (single)
5.84
6.42
°C/W
RESISTANCE,AC junction to case (single)
4.38
4.81
°C/W
RESISTANCE,DC junction to case (both)
3.97
4.36
°C/W
RESISTANCE,AC junction to case (both)
2.98
3.27
°C/W
RESISTANCE,junction to air (CD,CX)
60
°C/W
RESISTANCE,junction to air (CC)4
27
°C/W
TEMPERATURE RANGE,case
Meets full range specifications
–25
85
°C
ABSOLUTE MAXIMUM RATINGS
SPECIFICATIONS
SUPPLY VOLTAGE, total
5V to 40V
OUTPUT CURRENT
SOA
POWER DISSIPATION, internal, (per amplifier)
19.5W
POWER DISSIPATION, internal (both amplifiers)
28.6W
INPUT VOLTAGE, differential
±VS
INPUT VOLTAGE, common mode
+VS, -VS–0.5V
JUNCTION TEMPERATURE, max1
150°C
TEMPERATURE, pin solder—10 sec max
220°C
TEMPERATURE RANGE, storage
–55°C to 150°C
OPERATING TEMPERATURE RANGE, case
–40°C to 125°C
NOTES: 1. Long term operation at the maximum junction temperature will result in reduced product life. Derate internal power dissipation to
achieve high MTTF.
2. Unless otherwise noted, the following conditions apply: ±VS = ±15V, TC = 25°C.
3. +VS and –VS denote the positive and negative supply rail respectively. VSS denotes the total rail-to-rail supply voltage.
4. Heat tab attached to 3/32" FR-4 board with 2oz. copper. Topside copper area (heat tab directly attached) = 1000 sq. mm, back-
side copper area = 2500 sq. mm, board area = 2500 sq. mm.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com