Electronic Components Datasheet Search
  English  ▼

X  

2N720A Datasheet(PDF) 2 Page - Continental Device India Limited

Part # 2N720A
Description  NPN SILICON PLANAR SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N720A Datasheet(HTML) 2 Page - Continental Device India Limited

  2N720A Datasheet HTML 1Page - Continental Device India Limited 2N720A Datasheet HTML 2Page - Continental Device India Limited 2N720A Datasheet HTML 3Page - Continental Device India Limited 2N720A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN SILICON PLANAR SWITCHING TRANSISTOR
2N720A
TO-18
Metal Can Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
VALUE
MIN
MAX
UNIT
DC Current Gain
hFE
IC=0.1mA,VCE=10V
20
IC=10mA,VCE=10V*
35
IC=10mA,VCE=10V
20
Ta=55ºC
IC=150mA,VCE=10V*
40
120
DYNAMIC CHARACTERISTICS
Small Signal Current Gain
| hfe |IC=1mA, VCE=5V
30
100
f=1KHz
IC=5mA, VCE=10V
45
f=1KHz
Input Impedance
hib
IC=1mA, VCE=5V
20
30
Ω
f=1KHz
IC=5mA, VCE=10V
48
Ω
f=1KHz
Voltage Feedback Ratio
hrb
IC=1mA, VCE=5V
1.25
x10-4
f=1KHz
IC=1mA, VCE=10V
1.50
x10-4
f=1KHz
Out put Admittance
hob
IC=1mA, VCE=5V
0.5
µmhos
f=1KHz
IC=1mA, VCE=10V
0.5
µmhos
f=1KHz
Transition Frequency
fT
IC=50mA, VCE=10V
50
MHz
f=20MHz
Output Capacitance
Cob
VCB=10V, IE=0
15
pF
f=100kHz
Input Capacitance
Cib
VEB=0.5V, IC=0
85
pF
f=100kHz
*Pulse Condition: Pulse Width <300
µs, Duty Cycle <2%
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com