Electronic Components Datasheet Search
  English  ▼

X  

2N720A Datasheet(PDF) 1 Page - Continental Device India Limited

Part # 2N720A
Description  NPN SILICON PLANAR SWITCHING TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N720A Datasheet(HTML) 1 Page - Continental Device India Limited

  2N720A Datasheet HTML 1Page - Continental Device India Limited 2N720A Datasheet HTML 2Page - Continental Device India Limited 2N720A Datasheet HTML 3Page - Continental Device India Limited 2N720A Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN SILICON PLANAR SWITCHING TRANSISTOR
2N720A
TO-18
Metal Can Package
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector Emitter Voltage
VCEO
80
V
Collector - Emitter Voltage
VCER
100
V
Collector Base Voltage
VCBO
120
V
Emitter Base Voltage
VEBO
7V
Power Dissipation @Ta=25ºC
PD
500
mW
Derate Above 25ºC
2.86
mW/ºC
Power Dissipation @ Tc=25ºC
PD
1.8
W
Derate Above 25ºC
10.3
mW/ºC
Operating and Storage Junction
Tj, Tstg
-65 to +200
ºC
Temperature Range
THERMAL RESISTANCE
Junction to Case
Rth(j-c)
97
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise )
DESCRIPTION
SYMBOL
TEST CONDITION
VALUE
MIN
MAX
UNIT
Collector Emitter Breakdown Voltage
BVCEO (sus)*IC=30mA,IB=0
80
V
Collector Base Breakdown Voltage
BVCBO
IC=100µA.IE=0
120
V
Emitter Base Breakdown Voltage
BVEBO
IE=100µA, IC=0
7V
Collector Cut off Current
ICBO
VCB=90V, IE=0
10
nA
VCB=90V, IE=0
15
µA
Ta=150ºC
Emitter Cut off Current
IEBO
VEB=5V, IC=0
10
nA
Collector Emitter Saturation Voltage
VCE(Sat)*IC=50mA,IB=5mA
1.2
V
IC=150mA,IB=15mA
5.0
V
Base Emitter Saturation Voltage
VBE(Sat)*IC=50mA,IB=5mA
0.9
V
IC=150mA,IB=15mA
1.3
V
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - 2N720A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
42Kb / 4P
HIGH VOLTAGE GENERAL PURPOSE
Oct-1988
logo
Central Semiconductor C...
2N720A CENTRAL-2N720A Datasheet
33Kb / 1P
Small Signal Transistors
logo
Microsemi Corporation
2N720A MICROSEMI-2N720A Datasheet
59Kb / 2P
NPN LOW POWER SILICON TRANSISTOR
logo
STMicroelectronics
2N720A STMICROELECTRONICS-2N720A Datasheet
53Kb / 4P
EPITAXIAL PLANAR NPN
Dec-2002
logo
New Jersey Semi-Conduct...
2N720A NJSEMI-2N720A Datasheet
123Kb / 2P
HIGH VOLTAGE GENERAL PURPOSE
More results

Similar Description - 2N720A

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT2222A ZETEX-FZT2222A Datasheet
43Kb / 2P
SOT223 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
List of Unclassifed Man...
FMMT4123 ETC-FMMT4123 Datasheet
27Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
ZUMT2222A ETC-ZUMT2222A Datasheet
30Kb / 2P
SOT323 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Continental Device Indi...
TN2222A CDIL-TN2222A Datasheet
158Kb / 5P
NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
Zetex Semiconductors
BSS79B ZETEX-BSS79B Datasheet
29Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
FMMT4124 ZETEX-FMMT4124 Datasheet
30Kb / 1P
SOT23 NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
TRANSYS Electronics Lim...
TN2222A TEL-TN2222A Datasheet
104Kb / 4P
NPN SILICON PLANAR SWITCHING TRANSISTOR
TN3904 TEL-TN3904 Datasheet
111Kb / 4P
NPN SILICON PLANAR SWITCHING TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
MMBTSC1621 SEMTECH_ELEC-MMBTSC1621 Datasheet
125Kb / 2P
NPN Silicon Epitaxial Planar Switching Transistor
logo
Diodes Incorporated
ZUMT2222A DIODES-ZUMT2222A Datasheet
34Kb / 2P
SOT323 NPN SILICON PLANAR SWITCHING TRANSISTOR
NOVEMBER 1998
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com