Electronic Components Datasheet Search
  English  ▼

X  

PEM3124 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PEM3124
Description  30W Power Over Ethernet Plus (POE) PD Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEM3124 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PEM3124 Datasheet HTML 1Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 2Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 3Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PEM3100 SERIES
by
30W Power Over Ethernet Plus (POE+) PD Module
www.poweredethernet.com
PEM3100_13F_R1-1
Page 4 of 13
Figure 1 – Block Diagram and Typical Connections
Input
Input
IEEE
802.3at/af
Signature
and
Control
DC
Output
VIN+
+VDC
-VDC
ADJ
C1
470uF
Low ESR
+
+VDC
-VDC
VIN-
+
-
~
~
~
~
~
~
~
~
-
+
DC-DC
Converter
(Optional) C4 - Safety Capacitor (for EMI tuning)
ECP
CPR
C2
470uF
Low ESR
+
EMI
EMO
(Optional) C3 - Safety Capacitor (for EMI tuning)
ATD
RSD
PEM3100
Figure 1
PIN DESCRIPTION
INPUT PINS
OUTPUT PINS
1
EMI. This pin can be used for additional and
improved EMI Filtration. Connect this pin
only to EMO pin using safety capacitor.
8
+VDC. This pin provides the regulated
output from the DC/DC converter.
(Internally connected to pin 9).
2
VIN+. This pin connects to the positive (+)
output of the input bridge rectifiers
9
.+VDC. This pin provides the regulated
output from the DC/DC converter.
(Internally connected to pin 8).
3
VIN-. This pin connects to the negative (-)
output of the input bridge.
10
EMO. This pin can be used for additional
and improved EMI Filtration. Connect this
pin only to EMI pin using safety capacitor
4
ATD. AT Detect Pin. Please see section F.
5.
11
OADJ. The output voltage can be adjusted
from its nominal value. Please see section
F.8.
5
RSD. This pin can be used for remotely
shutting down the module from the target
device. Please see section F.6.
12
-VDC. The ground return for the +VDC
output. (Internally connected to pin 13).
6
NC
13
-VDC. The ground return for the +VDC
output. (Internally connected to pin 12).
7
CPR. Remote Shut down Pin.
To maintain isolation integrity, always
connect respective input and output poles
only via X or Y safety capacitor. Maintain
isolation barrier on motherboard PCB as per
physical package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com