Electronic Components Datasheet Search
  English  ▼

X  

PEM3124 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PEM3124
Description  30W Power Over Ethernet Plus (POE) PD Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PEM3124 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PEM3124 Datasheet HTML 4Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 5Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 6Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 7Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 8Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 9Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 10Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 11Page - List of Unclassifed Manufacturers PEM3124 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PEM3100 SERIES
by
30W Power Over Ethernet Plus (POE+) PD Module
www.poweredethernet.com
PEM3100_13F_R1-1
Page 8 of 13
If the remote shut down feature is not used, connect RSD to Vin-.
Table 2: Remote Shut Down
Description
Unit
Min
Typ
Max
RSD pin threshold low
uA
20
RSD pin threshold high
uA
100
Input voltage RSD pin
V
6
Figure 5 – Remote Shut Down Connection
RSD
+VDC
-VDC
CPR
VIN-
To Host Board Controller
470uF
C1
C2
470uF
R1
Isolation
U1
LTV357 or PC817 or equivalent
PEM3100
Figure 5
If RSD is asserted, the ATDET pin is forced high, irrespective of the PD mode. Please see Table 3 below
for ATDET output definitions under various powering modes.
Table 3: ATDET Truth Table
ATDET signal status
PSE
Type 1
Type 2
RSD = Low
Low
High
RSD = High
High
High
Please contact Infomart technical support for more details.
Part F.7. – Isolation
IEEE 802.3af / at section 33.4.1 calls for a Powered Device (PD) to meet safety isolation requirement by
meeting the electrical strength test of IEC 60950 sub clause 6.2. Infomart’s® PoweredEthernet™ PEM3100
modules meet or exceed 1500V impulse test. This is also referred to as ‘Hi Pot Test’, ‘Flash Tested’,
‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’.
Part F.8. – Output Voltage Adjustment
The PEM3000 series has an OADJ pin, which allows the output voltage to be increased or decreased from
its nominal value using a 1/16W power rating or greater and 1% tolerance resistor. The resistor to be
connected between the OADJ pin and either the +VDC or –VDC pin as per figure 6~8 below. Only one
connection i.e. between OADJ and +VDC or between OADJ and –VDC is permitted at a time. A
change of more than ± 10% or ± 1.5V whichever is lower, from nominal voltage is not permitted. (PEM3124
24.5V max). Please contact Infomart technical support for more details or specific resistor values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com