Electronic Components Datasheet Search
  English  ▼

X  

PI6C20400BLE Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI6C20400BLE
Description  1 4 Clock Driver for Intel PCIe짰 3.0 Chipsets
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C20400BLE Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI6C20400BLE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C20400BLE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
www.pericom.com
P-0.1
10/12/2011
PI6C20400B
1:4 Clock Driver for Intel PCIe® 3.0 Chipsets
Data Byte 0: Control Register
Bit Descriptions
Type
Power Up Condition
Output(s) Affected
Source
Pin
0
Outputs Mode
0 = Divide by 2
1 = Normal
RW
1 = Normal
OUT[0:3], OUT[0:3]#
NA
1
PLL/BYPASS#
0 = Fanout
1 = PLL
RW
1 = PLL
OUT[0:3], OUT[0:3]#
NA
2
PLL Bandwidth
0 = High Bandwidth,
1 = Low Bandwidth
RW
1 = Low
OUT[0:3], OUT[0:3]#
NA
3
Reserved
NA
4
Reserved
NA
5
Reserved
NA
6
SRC_STOP#
0 = Driven when stopped
1 = Tristate
RW
0 = Driven when stopped
OUT[0:3], OUT[0:3]#
NA
7
PWRDWN#
0 = Driven when stopped
1 = Tristate
RW
0 = Driven when stopped
OUT[0:3], OUT[0:3]#
NA
Data Byte 1: Control Register
Bit Descriptions
Type
Power Up Condition
Output(s) Affected
Source
Pin
0
Reserved
NA
1
OUTPUTS enable
1 = Enabled
0 = Disabled
RW
1 = Enabled
OUT0, OUT0#
NA
2
RW
1 = Enabled
OUT1, OUT1#
NA
3
Reserved
NA
4
Reserved
NA
5
OUTPUTS enable
1 = Enabled
0 = Disabled
RW
1 = Enabled
OUT2, OUT2#
NA
6
RW
1 = Enabled
OUT3, OUT3#
NA
7
Reserved
NA
11-0126



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com