Electronic Components Datasheet Search
  English  ▼

X  

ASMD100F Datasheet(PDF) 21 Page - Tyco Electronics

Part # ASMD100F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD100F Datasheet(HTML) 21 Page - Tyco Electronics

Back Button ASMD100F Datasheet HTML 17Page - Tyco Electronics ASMD100F Datasheet HTML 18Page - Tyco Electronics ASMD100F Datasheet HTML 19Page - Tyco Electronics ASMD100F Datasheet HTML 20Page - Tyco Electronics ASMD100F Datasheet HTML 21Page - Tyco Electronics ASMD100F Datasheet HTML 22Page - Tyco Electronics ASMD100F Datasheet HTML 23Page - Tyco Electronics ASMD100F Datasheet HTML 24Page - Tyco Electronics ASMD100F Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
193
RoHS Compliant, ELV Compliant
12
AHS (High Temperature)
Surface-mount
AHS080-2018
4,000
20,000
H08
4.6 (0.18)
1.5 (0.06)
3.4 (0.134)
*
AHS160
1,500
7,500
160
4.6 (0.18)
2.3 (0.09)
6.1 (0.240)
*
AHS200
1,500
7,500
H200
4.6 (0.18)
2.3 (0.09)
6.1 (0.240)
*
AHS300
1,500
7,500
H300
4.6 (0.18)
2.3 (0.09)
6.1 (0.240)
*
ASMD
Surface-mount
ASMD030F
2,000
10,000
030F
3.1 (0.12)
2.3 (0.09)
5.1 (0.201)
*
ASMD050F
2,000
10,000
050F
3.1 (0.12)
2.3 (0.09)
5.1 (0.201)
*
ASMD075F
2,000
10,000
075F
3.1 (0.12)
2.3 (0.09)
5.1 (0.201)
*
ASMD100F
2,000
10,000
100F
3.1 (0.12)
2.3 (0.09)
5.1 (0.201)
*
ASMD125F
2,000
10,000
125F
3.1 (0.12)
2.3 (0.09)
5.1 (0.201)
*
ASMD150F
1,500
7,500
150F
4.6 (0.18)
2.3 (0.09)
6.1 (0.240)
*
ASMD185F
1,500
7,500
185A
4.6 (0.18)
2.3 (0.09)
6.1 (0.240)
*
ASMD200F
1,500
7,500
200F
4.6 (0.18)
2.3 (0.09)
6.1 (0.240)
*
ASMD250F
1,500
7,500
250F
4.6 (0.18)
2.3 (0.09)
6.1 (0.240)
*
nanoASMDC
Surface-mount
nanoASMDC012F
3,000
15,000
P
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
*
nanoASMDC016F
3,000
15,000
N
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
*
nanoASMDC020F
3,000
15,000
02
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
*
nanoASMDC035F
3,000
15,000
03
1.60 (0.063)
1.00 (0.039)
2.00 (0.079)
*
microASMD
Surface-mount
microASMD005F
4,000
20,000
05
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
*
microASMD010F
4,000
20,000
10
2.50 (0.098)
1.00 (0.039)
2.00 (0.079)
*
miniASMDC
Surface-mount
miniASMDC010F
2,000
10,000
10
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC014F
2,000
10,000
14
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC020F
2,000
10,000
2
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC030F
2,000
10,000
3
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC050F
2,000
10,000
5
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC075F/24
1,500
7,500
075F 24V
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC110F/16
2,000
10,000
110F 16V
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC110F/24
1,500
7,500
110F 24V
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC125F/16
2,000
10,000
125F 16V
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC150F/16
2,000
10,000
150 16V
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC150F/24
1,000
5,000
150F 24V
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
miniASMDC260F/16
1,500
7,500
260F 16V
3.15 (0.124)
1.68 (0.066)
3.10 (0.122)
*
* These devices have been designed for use in automotive applications.
For commercial alternatives to these product series please see the radial-leaded devices section or surface-mount devices section.
Part Number
Tape & Reel
Quantity
Standard Package
Quantity
Part
Marking
Agency
Recognition
Dimension
A (Min.*/Nom.)
Dimension
B (Nom.)
Dimension
C (Nom.)
Recommended Pad Layouts [mm(in) See Figure A25]
BD
Bladed Device
BD280-1130-10/16
200
1600
BD280-1130-10
*
BD280-1130-15/16
200
1600
BD280-1130-15
*
BD280-1130-20/16
200
1600
BD280-1130-20
*
BD280-1927-25/16-W
200
1600
BD280-1927-25
*
BD280-1927-30/16-W
200
1600
BD280-1927-30
*
* These devices have been designed for use in automotive applications.
For commercial alternatives to these product series please see the radial-leaded devices section or surface-mount devices section.
Part Number
Bag
Quantity
Standard Package
Quantity
Part Marking
Agency Recognition
Table A6 Packaging and Marking Information for Automotive Devices
Cont’d
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com