Electronic Components Datasheet Search
  English  ▼

X  

ASMD100F Datasheet(PDF) 22 Page - Tyco Electronics

Part # ASMD100F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD100F Datasheet(HTML) 22 Page - Tyco Electronics

Back Button ASMD100F Datasheet HTML 18Page - Tyco Electronics ASMD100F Datasheet HTML 19Page - Tyco Electronics ASMD100F Datasheet HTML 20Page - Tyco Electronics ASMD100F Datasheet HTML 21Page - Tyco Electronics ASMD100F Datasheet HTML 22Page - Tyco Electronics ASMD100F Datasheet HTML 23Page - Tyco Electronics ASMD100F Datasheet HTML 24Page - Tyco Electronics ASMD100F Datasheet HTML 25Page - Tyco Electronics ASMD100F Datasheet HTML 26Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
194
RoHS Compliant, ELV Compliant
12
B
B
A
C
Figure A25 Recommended Pad Layout for Automotive Devices
Description
EIA Mark
Dimension (mm)
Tolerance
Carrier tape width
W
18.0
-0.5/+1.0
Hold down tape width
W4
11.0
Minimum
Top distance between tape edges
W6
3.0
Maximum
Sprocket hole position
W5
9.0
-0.5/+0.75
Sprocket hole diameter
D0
4.0
±0.2
Abscissa to plane
H0
16.0
±0.5
Abscissa to top (AGRF400 to AGRF600, AHRF050 to AHRF450, AHEF050 to AHEF300)
H1
32.2
Maximum
Abscissa to top (AGRF700 to AGRF1400, AHRF550 to AHRF1500*, AHEF500 to AHEF1000)
H1
45.0
Maximum
Overall width with lead protrusion (AGRF400 to AGRF600 & AHRF050 to AHRF450, AHEF050 to AHEF300)
C1
43.2
Maximum
Overall width with lead protrusion (AGRF700 to AGRF1400, AHRF550 to AHRF1500, AHEF500 to AHEF1000)
C1
55.0
Maximum
Overall width without lead protrusion
C2
42.5
Maximum
(AGRF400 to AGRF600, AHRF050 to AHRF450, AHEF050 to AHEF300)
Overall width without lead protrusion
C2
54.0
Maximum
(AGRF700 to AGRF1400, AHRF550 to AHRF1500, AHEF500 to AHEF1000)
Lead protrusion
L1
1.0
Maximum
Protrusion of cut-out
L
11.0
Maximum
Protrusion beyond hold-down tape
I2
Not specified
Sprocket hole pitch
P0
12.7
± 0.3
Device pitch (AGRF400 to AGRF700, AHRF050 to AHRF600, AHEF050 to AHEF300)
12.7
± 0.3
Device pitch (AGRF800 to AGRF1400, AHRF650 to AHRF1500, AHEF500 to AHEF1000)
25.4
± 0.6
Pitch tolerance
20 consec.
± 0.1
Tape thickness
t
0.9
Maximum
Overall tape and lead thickness (AGRF400 to AGRF1100, AHRF050 to AHRF1100*, AHEF050 to AHEF750)
t1
2.0
Maximum
Overall tape and lead thickness (AGRF1200 to AGRF1400, AHRF1300 to AHRF1500*, AHEF1000)
t1
2.3
Maximum
Splice sprocket hole alignment
—0
± 0.3
Body lateral deviation
h0
± 1.0
Body tape plane deviation
p0
± 1.3
Ordinate to adjacent component lead
P1
3.81
± 0.7
(AGRF400 to AGRF1100, AHRF050 to AHRF900, AHEF050 to AHEF500)
Ordinate to adjacent component lead
P1
7.62
± 0.7
(AGRF1200 to AGRF1400, AHRF1000 to AHRF1500, AHEF750 to AHEF1000)
Lead spacing (AGRF400 to AGRF1100, AHRF050 to AHRF900*, AHEF050 to AHEF500)
F
5.05
± 0.75
Lead spacing (AGRF1200 to AGRF1400, AHRF1000 to AHRF1500*, AHEF750 to AHEF1000)
F
10.15
± 0.75
Reel width (AGRF400 to AGRF600 & AHRF050 to AHRF450, AHEF050 to AHEF300)
w2
56.0
Maximum
Reel width (AGRF700 to AGRF1400, AHRF550 to AHRF1500*, AHEF500 to AHEF1000)
w2
63.5
Maximum
Reel diameter
a
370.0
Maximum
Space between flanges* (AHEF050 to AHEF300)
w1
48.0
Maximum
Space between flanges* (AHEF500 to AHEF1000)
w1
55.0
Maximum
Arbor hold diameter
c
26.0
±12.0
Core diameter*
n
91.0
Maximum
Box
64/372/362
Maximum
Consecutive missing places
None
Empty places per reel
0.1%
Maximum
*Differs from EIA specification.
AGRF, AHRF and AHEF devices are available in tape and reel packaging per EIA468-B/IEC286-2 and EIA 481-2 standards.
See Figures A26 and A27 for details.
Table A7 Tape and Reel Specifications for AGRF/AHRF/AHEF Automotive Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com