Electronic Components Datasheet Search
  English  ▼

X  

ASMD125F Datasheet(PDF) 10 Page - Tyco Electronics

Part # ASMD125F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD125F Datasheet(HTML) 10 Page - Tyco Electronics

Back Button ASMD125F Datasheet HTML 6Page - Tyco Electronics ASMD125F Datasheet HTML 7Page - Tyco Electronics ASMD125F Datasheet HTML 8Page - Tyco Electronics ASMD125F Datasheet HTML 9Page - Tyco Electronics ASMD125F Datasheet HTML 10Page - Tyco Electronics ASMD125F Datasheet HTML 11Page - Tyco Electronics ASMD125F Datasheet HTML 12Page - Tyco Electronics ASMD125F Datasheet HTML 13Page - Tyco Electronics ASMD125F Datasheet HTML 14Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
182
RoHS Compliant, ELV Compliant
12
AHRF (High Temperature)
16V — Radial-leaded
AHRF200
—
9.4
—
14.4
—
3.0
7.6
—
4.3
5.8
1.2
——
—
1.24
1.6
A8, A9,
(0.37)
(0.57)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.049)
(0.06)
A10
AHRF300
—
8.8
—
13.8
—
3.0
7.6
—
4.3
5.8
1.2
——
—
1.24
1.6
A5, A8,
(0.35)
(0.55)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.049)
(0.06)
A9
AHRF400
—
10.0
—
15.0
—
3.0
7.6
—
4.3
5.8
1.2
——
—
1.24
1.6
A5, A8,
(0.39)
(0.59)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.049)
(0.06)
A9
AHRF450
—
10.4
—
15.6
—
3.0
7.6
—
4.3
5.8
1.2
——
3.94
1.24
1.6
A5, A8,
(0.41)
(0.61)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.155) (0.049)
(0.06)
A9
AHRF550
—
11.2
—
18.9
—
3.0
7.6
—
4.3
5.8
1.2
——
—
1.24
1.6
A5, A8,
(0.44)
(0.74)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.049)
(0.06)
A9
AHRF600
—
11.2
—
21.0
—
3.0
7.6
—
4.3
5.8
1.2
——
4.49
1.24
1.7
A5, A8,
(0.44)
(0.73)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.177) (0.049)
(0.07)
A9
AHRF650
—
12.7
—
22.2
—
3.0
7.6
—
4.3
5.8
1.2
——
5.08
1.24
1.8
A5, A8,
(0.50)
(0.88)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.200) (0.049)
(0.07)
A9
AHRF700
—
14.0
—
21.9
—
3.0
7.6
—
4.3
5.8
1.2
——
—
1.24
1.6
A5, A8,
(0.55)
(0.86)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.049)
(0.06)
A9
AHRF750
—
14.0
—
23.5
—
3.0
7.6
—
4.3
5.8
1.2
——
5.69
1.24
2.0
A5, A8,
(0.55)
(0.93)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.224) (0.049)
(0.08)
A9
AHRF800
—
16.5
—
22.5
—
3.0
7.6
—
4.3
5.8
1.2
——
—
1.24
1.6
A5, A8,
(0.65)
(0.88)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
(0.049)
(0.06)
A9
AHRF900
—
16,5
—
25.7
—
3.0
7.6
—
4.3
5.8
1.2
——
—
—
—
A5, A8,
(0.65)
(1.01)
(0.12)
(0.30)
(0.17) (0.23)
(0.05)
A9
AHRF1000
—
17.5
—
26.5
—
3.0
7.6
—
9.4
10.9
1.2
——
7.47
1.24
1.5
A5, A8,
(0.69)
(1.04)
(0.12)
(0.30)
(0.37) (0.43)
(0.05)
(0.294) (0.049)
(0.06)
A9
AHRF1100
—
21.0
—
26.1
—
3.0
7.6
—
9.4
10.9
1.2
——
—
1.24
1.6
A5, A8,
(0.83)
(1.03)
(0.12)
(0.30)
(0.37) (0.43)
(0.05)
(0.049)
(0.06)
A9
AHRF1300
—
23.5
—
28.7
—
3.5
7.6
—
9.4
10.9
1.4
——
7.82
1.45
1.9
A5, A8,
(0.925)
(1.13)
(0.14)
(0.30)
(0.37) (0.43)
(0.06)
(0.308) (0.057)
(0.08)
A9
AHRF1400
—
23.5
—
28.7
—
3.6
7.6
—
9.4
10.9
1.4
——
—
1.24
1.6
A5, A8,
(0.93)
(1.13)
(0.14)
(0.30)
(0.37) (0.43)
(0.06)
(0.049)
(0.06)
A9
AHRF1500
—
23.5
—
28.7
—
3.5
7.6
—
9.4
10.9
1.4
——
7.82
——
A5, A8,
(0.93)
(1.13)
(0.14)
(0.30)
(0.37) (0.43)
(0.06)
(0.308)
A9
AHEF (High Temperature)
32V — Radial-leaded
AHEF050
—
7.4
—
12.7
4.3
5.8
7.6
——
3.3
——
——
—
—
A8, A9,
(0.29)
(0.50)
(0.17) (0.23)
(0.30)
(0.13)
A10
AHEF070
—
6.9
—
10.8
4.3
5.8
7.6
——
3.0
——
——
—
—
A8, A9,
(0.27)
(0.43)
(0.17) (0.23)
(0.30)
(0.12)
A11
AHEF100
—
9.7
—
13.6
4.3
5.8
7.6
——
3.0
——
——
—
—
A8, A9,
(0.38)
(0.54)
(0.17) (0.23)
(0.30)
(0.12)
A10
AHEF300
—
10.2
—
15.5
4.32
5.84
7.6
——
3.8
——
——
—
—
A8, A9,
(0.40)
(0.61)
(0.17) (0.23)
(0.30)
(0.15)
A12
AHEF500
—
14.0
—
24.1
4.3
5.8
11.5
——
3.8
——
——
—
—
A8, A9,
(0.55)
(0.95)
(0.17) (0.23)
(0.45)
(0.15)
A12
AHEF750
—
21.1
—
24.9
9.4
10.9
7.6
——
3.8
——
——
—
—
A8, A9,
(0.83)
(0.98)
(0.37) (0.43)
(0.30)
(0.15)
A12
AHEF1000
—
23.5
—
27.9
9.4
10.9
7.6
——
4.0
——
——
—
—
A8, A9,
(0.93)
(1.10)
(0.37) (0.43)
(0.30)
(0.16)
A12
Part Number
A
Min.
Max.
J
Max.
Figure
H
Typ.
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
Table A4 Dimensions for Automotive Devices in Millimeters (Inches)
Cont’d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com