Electronic Components Datasheet Search
  English  ▼

X  

ASMD125F Datasheet(PDF) 12 Page - Tyco Electronics

Part # ASMD125F
Description  PolySwitch Resettable Devices
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ASMD125F Datasheet(HTML) 12 Page - Tyco Electronics

Back Button ASMD125F Datasheet HTML 8Page - Tyco Electronics ASMD125F Datasheet HTML 9Page - Tyco Electronics ASMD125F Datasheet HTML 10Page - Tyco Electronics ASMD125F Datasheet HTML 11Page - Tyco Electronics ASMD125F Datasheet HTML 12Page - Tyco Electronics ASMD125F Datasheet HTML 13Page - Tyco Electronics ASMD125F Datasheet HTML 14Page - Tyco Electronics ASMD125F Datasheet HTML 15Page - Tyco Electronics ASMD125F Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
184
RoHS Compliant, ELV Compliant
12
Table A4 Dimensions for Automotive Devices in Millimeters (Inches)
Cont’d
BD
14V — Bladed Device
BD280-1130-10/16
29.50 30.10
8.70
9.30
10.75 11.25
6.05
6.65
2.55
3.05
3.30
3.90
3.40
4.00
1.70
2.30
10.90 11.50
A13
(1.173) (1.185) (0.343) (0.366) (0.423) (0.443) (0.238) (0.262) (0.100) (0.120) (0.130) (0.154) (0.134) (0.157) (0.067) (0.091) (0.429) (0.453)
BD280-1130-15/16
29.50 30.10
8.70
9.30
10.75 11.25
6.05
6.65
2.55
3.05
3.30
3.90
3.40
4.00
1.70
2.30
10.90 11.50
A13
(1.173) (1.185) (0.343) (0.366) (0.423) (0.443) (0.238) (0.262) (0.100) (0.120) (0.130) (0.154) (0.134) (0.157) (0.067) (0.091) (0.429) (0.453)
BD280-1130-20/16
29.50 30.10
8.70
9.30
10.75 11.25
6.05
6.65
2.55
3.05
3.30
3.90
3.40
4.00
1.70
2.30
10.90 11.50
A13
(1.173) (1.185) (0.343) (0.366) (0.423) (0.443) (0.238) (0.262) (0.100) (0.120) (0.130) (0.154) (0.134) (0.157) (0.067) (0.091) (0.429) (0.453)
BD280-1927-25/16-W
26.65 27.35
8.60
9.20
10.75 11.25
6.05
6.65
2.55
3.05
1.80
2.20
3.50
3.90
1.70
2.30
19.00 19.40
A14
(1.049) (1.077) (0.339) (0.362) (0.423) (0.443) (0.238) (0.262) (0.100) (0.120) (0.071) (0.087) (0.138) (0.154) (0.067) (0.091) (0.748) (0.764)
BD280-1927-30/16-W
26.65 27.35
8.60
9.20
10.75 11.25
6.05
6.65
2.55
3.05
1.80
2.20
3.50
3.90
1.70
2.30
19.00 19.40
A14
(1.049) (1.077) (0.339) (0.362) (0.423) (0.443) (0.238) (0.262) (0.100) (0.120) (0.071) (0.087) (0.138) (0.154) (0.067) (0.091) (0.748) (0.764)
Part Number
A
Min. Max.
Figure
B
Min. Max.
C
Min. Max.
D
Min. Max.
E(x2)
Min. Max.
F
Min. Max.
G
Min. Max.
H
Min. Max.
I
Min. Max.
miniASMDC
16-60V — Surface-mount
miniASMDC010F
4.37
4.73
0.635
0.89
3.07
3.41
0.25
0.95
0.20
—
A15
(0.172)
(0.186)
(0.025)
(0.035)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC014F
4.37
4.73
0.635
0.89
3.07
3.41
0.25
0.95
0.20
—
A15
(0.172)
(0.186)
(0.025)
(0.035)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC020F
4.37
4.73
0.635
0.89
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.186)
(0.025)
(0.035)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC030F
4.37
4.73
0.635
0.89
3.07
3.41
0.25
0.95
0.20
—
A15
(0.172)
(0.186)
(0.025)
(0.035)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC050F
4.37
4.73
0.38
0.62
3.07
3.41
0.25
0.95
0.20
A15
(0.172)
(0.186)
(0.015)
(0.025)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC075F/24
4.37
4.83
0.81
1.46
3.07
3.41
0.25
0.95
0.20
—
A15
(0.172)
(0.190)
(0.032)
(0.057)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC110F/16
4.37
4.83
0.28
0.48
3.07
3.41
0.25
0.95
0.20
—
A15
(0.172)
(0.190)
(0.011)
(0.019)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC110F/24
4.37
4.83
0.81
1.46
3.07
3.41
0.25
0.95
0.20
—
A15
(0.172)
(0.190)
(0.032)
(0.057)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC125F/16
4.37
4.83
0.28
0.48
3.07
3.41
0.25
0.95
0.20
—
A15
(0.172)
(0.190)
(0.011)
(0.019)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC150F/16
4.37
4.83
0.28
0.48
3.07
3.41
0.25
0.95
0.20
—
A15
(0.172)
(0.190)
(0.011)
(0.019)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC150F/24
4.37
4.83
1.00
1.94
3.07
3.41
0.25
0.95
0.20
—
A15
(0.172)
(0.190)
(0.040)
(0.077)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
miniASMDC260F/16
4.37
4.83
1.02
1.52
3.07
3.41
0.25
0.95
0.20
—
A15
(0.172)
(0.190)
(0.042)
(0.060)
(0.121)
(0.134)
(0.010)
(0.040)
(0.008)
—
Part Number
A
Min.
Max.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com