Electronic Components Datasheet Search
  English  ▼

X  

2SJ495 Datasheet(PDF) 2 Page - NEC

Part # 2SJ495
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ495 Datasheet(HTML) 2 Page - NEC

  2SJ495 Datasheet HTML 1Page - NEC 2SJ495 Datasheet HTML 2Page - NEC 2SJ495 Datasheet HTML 3Page - NEC 2SJ495 Datasheet HTML 4Page - NEC 2SJ495 Datasheet HTML 5Page - NEC 2SJ495 Datasheet HTML 6Page - NEC 2SJ495 Datasheet HTML 7Page - NEC 2SJ495 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2SJ495
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain to Source On–state Resistance
RDS(on)1
VGS = –10 V, ID = –15 A
24
30
m
Ω
RDS(on)2
VGS = –4 V, ID = –15 A
38
56
m
Ω
Gate to Source Cutoff Voltage
VGS(off)
VDS = –10 V, ID = –1 mA
–1.0
–1.5
–2.0
V
Forward Transfer Admittance
| yfs |VDS = –10 V, ID = –15 A
12
24
S
Drain Leakage Current
IDSS
VDS = –60 V, VGS = 0
–10
µA
Gate to Source Leakage Current
IGSS
VGS =
m 20 V, VDS = 0
m10
µA
Input Capacitance
Ciss
VDS = –10 V
4120
pF
Output Capacitance
COSS
VGS = 0
1750
pF
Reverse Transfer Capacitance
Crss
f = 1 MHz
580
pF
Turn-On Delay Time
td(on)
ID = –15 A
40
ns
Rise Time
tr
VGS(on) = –10 V
220
ns
Turn-Off Delay Time
td(off)
VDD = –30 V
600
ns
Fall Time
tf
RG = 10
Ω
380
ns
Total Gate Charge
QG
ID = –30 A
140
nC
Gate to Source Charge
QGS
VDD = –48 V
12
nC
Gate to Drain Charge
QGD
VGS = –10 V
46
nC
Body Diode Forward Voltage
VF(S-D)
IF = 30 A, VGS = 0
0.8
1.5
V
Reverse Recovery Time
trr
IF = 30 A, VGS = 0
160
ns
Reverse Recovery Charge
Qrr
di/dt = 100 A/
µs
400
nC
Test Circuit 1 Switching Time
Test Circuit 2 Gate Charge
D.U.T.
PG.
VDD
RL
RG = 10
Ω
RG
t
VGS
t = 1 s
Duty Cycle
≤ 1%
µ
0
VGS
Wave Form
VGS
VGS(on)
ID
0
D
10 %
10 %
90 %
90 %
90 %
ID
tf
tr
td(off)
td(on)
ton
toff
10 %
ID
Wave Form
D.U.T.
IG = 2 mA
PG.
VDD
RL
50
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com