Electronic Components Datasheet Search
  English  ▼

X  

LMA420 Datasheet(PDF) 1 Page - Filtronic Compound Semiconductors

Part # LMA420
Description  LOW NOISE PHEMT MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LMA420 Datasheet(HTML) 1 Page - Filtronic Compound Semiconductors

  LMA420 Datasheet HTML 1Page - Filtronic Compound Semiconductors LMA420 Datasheet HTML 2Page - Filtronic Compound Semiconductors LMA420 Datasheet HTML 3Page - Filtronic Compound Semiconductors LMA420 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LMA420
LOW NOISE PHEMT MMIC
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
12/05/00
Fax:
(408) 970-9950
Email:
sales@filss.com
• FEATURES
♦ 21 GHz to 24 GHz Frequency Band
♦ 3 dB Noise Figure
♦ 22 dB Gain
♦ 5 dBm Output Power at Saturation
♦ 12 dB Input/Output Return Loss
♦ +3 V Single Bias Supply
• DESCRIPTION AND APPLICATIONS
The Filtronic Solid State LMA420 is a low noise PHEMT amplifier that operates from 21 to 24GHz.
This 3-stage reactively matched amplifier provides 22dB nominal gain with 3dB typical noise figure
and saturated power output of +5dBm The LMA420 is designed for commercial mm-W (millimeter-
wave) PCN/PCS applications.
Ground is provided to the circuitry through vias to the backside
metallization.
• ELECTRICAL SPECIFICATIONS @ T
Ambient = 25 °
°C
(VDD = +3.0V, ZIN = ZOUT = 50Ω)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Frequency Band
F
21
24
GHz
Small Signal Gain
S21
IDS = 20 mA
18
22
dB
Small Signal Gain Flatness
∆S
21
±0.8
±1.0
dB
Noise Figure
NF
3
4
dB
Input Return Loss
S11
-12
-9
dB
Output Return Loss
S22
-12
-9
dB
Reverse Isolation
S12
-40
dB


Similar Part No. - LMA420

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA421 FILTRONIC-LMA421 Datasheet
129Kb / 4P
LOW NOISE PHEMT MMIC
LMA422 FILTRONIC-LMA422 Datasheet
157Kb / 4P
LOW NOISE PHEMT MMIC
More results

Similar Description - LMA420

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
LMA219B FILTRONIC-LMA219B Datasheet
123Kb / 4P
LOW NOISE PHEMT MMIC
LMA246 FILTRONIC-LMA246 Datasheet
170Kb / 4P
LOW NOISE PHEMT MMIC
LMA406 FILTRONIC-LMA406 Datasheet
159Kb / 5P
LOW NOISE PHEMT MMIC
LMA411 FILTRONIC-LMA411 Datasheet
169Kb / 5P
LOW NOISE PHEMT MMIC
LMA419 FILTRONIC-LMA419 Datasheet
138Kb / 4P
LOW NOISE PHEMT MMIC
LMA421 FILTRONIC-LMA421 Datasheet
129Kb / 4P
LOW NOISE PHEMT MMIC
LMA422 FILTRONIC-LMA422 Datasheet
157Kb / 4P
LOW NOISE PHEMT MMIC
logo
Analog Devices
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC376LP3 AD-HMC376LP3 Datasheet
316Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC460LC5 AD-HMC460LC5 Datasheet
1Mb / 7P
GaAs pHEMT MMIC LOW NOISE AMPLIFIER,
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com