Electronic Components Datasheet Search
  English  ▼

X  

LMA420 Datasheet(PDF) 2 Page - Filtronic Compound Semiconductors

Part # LMA420
Description  LOW NOISE PHEMT MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRONIC [Filtronic Compound Semiconductors]
Direct Link  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

LMA420 Datasheet(HTML) 2 Page - Filtronic Compound Semiconductors

  LMA420 Datasheet HTML 1Page - Filtronic Compound Semiconductors LMA420 Datasheet HTML 2Page - Filtronic Compound Semiconductors LMA420 Datasheet HTML 3Page - Filtronic Compound Semiconductors LMA420 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LMA420
LOW NOISE PHEMT MMIC
Phone:
(408) 988-1845
http://
www.filss.com
Revised:
12/05/00
Fax:
(408) 970-9950
Email:
sales@filss.com
• ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain Voltage
VD
TAmbient = 22 ± 3 °C
4
V
Operating Current
IOP
TAmbient = 22 ± 3 °C
90
mA
RF Input Power
PIN
TAmbient = 22 ± 3 °C
-10
dBm
Total Power Dissipation
PTOT
TAmbient = 22 ± 3 °C
0.4
W
Channel Operating Temperature
TCH
TAmbient = 22 ± 3 °C
150
ºC
Storage Temperature
TSTG
—
-65
165
ºC
Maximum Assembly Temperature
(1 min. max.)
TMAX
—
300
ºC
Notes:
•
Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device.
•
Recommended Continuous Operating Limits should be observed for reliable device operation.
•
Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
•
This GaAs MMIC is susceptible to damage from Electrostatic Discharge. Proper precautions should be used when
handling these devices.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com