Electronic Components Datasheet Search
  English  ▼

X  

AD7667 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7667
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7667 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7667 Datasheet HTML 5Page - Analog Devices AD7667 Datasheet HTML 6Page - Analog Devices AD7667 Datasheet HTML 7Page - Analog Devices AD7667 Datasheet HTML 8Page - Analog Devices AD7667 Datasheet HTML 9Page - Analog Devices AD7667 Datasheet HTML 10Page - Analog Devices AD7667 Datasheet HTML 11Page - Analog Devices AD7667 Datasheet HTML 12Page - Analog Devices AD7667 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD7625
Rev. A | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 3. FFT 2 kHz Input Tone, Full View
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
0.5
1.0
1.5
2.0
2.5
3.0
INPUT TONE = 50kHz
SNR = 93.04dB
SINAD = 92.63dB
THD = –103.57dB
SFDR = –102.69dB
Figure 4. FFT 50 kHz Input Tone
0
16,384
32,768
49,152
65,536
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
–0.5
CODE
Figure 5. Differential Nonlinearity vs. Code
FREQUENCY (kHz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
5
10
15
20
25
30
35
40
45
INPUT TONE = 2kHz
SNR = 93.16dB
SINAD = 92.09dB
THD = –110.45dB
SFDR = 111.37dB
Figure 6. FFT 2 kHz Input Tone, Zoom In on Input Tone and Harmonics
FREQUENCY (MHz)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
0
0.5
1.0
1.5
2.0
2.5
3.0
INPUT TONE = 100kHz
SNR = 92.91dB
SINAD = 92.55dB
THD = –103.11dB
SFDR = –103.41dB
Figure 7. FFT 100 kHz Input Tone
0
16,384
32,768
49,152
65,536
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
–1.0
CODE
Figure 8. Integral Nonlinearity vs. Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com