Electronic Components Datasheet Search
  English  ▼

X  

AD7667 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7667
Description  16-Bit, 6 MSPS, PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7667 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7667 Datasheet HTML 6Page - Analog Devices AD7667 Datasheet HTML 7Page - Analog Devices AD7667 Datasheet HTML 8Page - Analog Devices AD7667 Datasheet HTML 9Page - Analog Devices AD7667 Datasheet HTML 10Page - Analog Devices AD7667 Datasheet HTML 11Page - Analog Devices AD7667 Datasheet HTML 12Page - Analog Devices AD7667 Datasheet HTML 13Page - Analog Devices AD7667 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
AD7625
Data Sheet
Rev. A | Page 10 of 24
–116
–114
–112
–110
–108
–106
–104
–102
–100
–98
–96
–94
0
20
40
60
80
100
120
INPUT FREQUENCY (kHz)
–0.5dBFS
–1dBFS
–3dBFS
–5dBFS
–10dBFS
Figure 9. THD at Input Amplitudes of −0.5 dBFS to −10 dBFS vs. Frequency
92.2
92.4
92.6
92.8
93.0
93.2
93.4
93.6
93.8
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
DYNR vs. TEMP INTERNAL REF
DYNR vs. TEMP EXTERNAL REF
SNR vs. TEMP INTERNAL REF
SNR vs. TEMP EXTERNAL REF
Figure 10. Dynamic Range and SNR vs. Temperature
(−0.5 dB, 20 kHz Input Tone)
–60
–40
–20
0
20
40
60
80
100
120
–4
–6
–2
0
2
4
6
DIFFERENTIAL INPUT VOLTAGE (V)
IN–
IN+
Figure 11. Input Current (IN+, IN−) vs. Differential Input Voltage (6 MSPS)
–103.5
–103.0
–102.5
–102.0
–101.5
–101.0
–100.5
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
INTERNAL REF
EXTERNAL REF
Figure 12. THD vs. Temperature (−0.5 dB, 20 kHz Input Tone)
91.6
91.8
92.0
92.2
92.4
92.6
92.8
93.0
93.2
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
SINAD vs. TEMP INTERNAL REF
SINAD vs. TEMP EXTERNAL REF
Figure 13. SINAD vs. Temperature
(−0.5 dB, 20 kHz Input Tone)
0
2
4
6
8
10
12
–60
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
GAIN ERROR
ZERO ERROR
Figure 14. Zero Error and Gain Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com