Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9627
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9627 Datasheet HTML 45Page - Analog Devices AD9627 Datasheet HTML 46Page - Analog Devices AD9627 Datasheet HTML 47Page - Analog Devices AD9627 Datasheet HTML 48Page - Analog Devices AD9627 Datasheet HTML 49Page - Analog Devices AD9627 Datasheet HTML 50Page - Analog Devices AD9627 Datasheet HTML 51Page - Analog Devices AD9627 Datasheet HTML 52Page - Analog Devices AD9627 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
AD9627
Rev. B | Page 49 of 76
Signal Monitor Period (Register 0x113 to Register 0x115)
Register 0x113, Bits[7:0]—Signal Monitor Period[7:0]
Register 0x114, Bits[7:0]—Signal Monitor Period[15:8]
Register 0x115, Bits[7:0]—Signal Monitor Period[23:16]
This 24-bit value sets the number of clock cycles over which the
signal monitor performs its operation. The minimum value for
this register is 128 cycles; programmed values less than 128 revert
to 128.
Signal Monitor Result Channel A (Register 0x116 to
Register 0x118)
Register 0x116, Bits[7:0]—Signal Monitor Result
Channel A[7:0]
Register 0x117, Bits[7:0]—Signal Monitor Result
Channel A[15:8]
Register 0x118, Bits[7:4]—Reserved
Register 0x118, Bits[3:0]—Signal Monitor Result
Channel A[19:16]
This 20-bit value contains the result calculated by the signal
monitoring block for Channel A. The result is dependent on the
settings in Register 0x112[2:1].
Signal Monitor Result Channel B (Register 0x119 to
Register 0x11B)
Register 0x119, Bits[7:0]— Signal Monitor Result
Channel B[7:0]
Register 0x11A, Bits[7:0]—Signal Monitor Result
Channel B[15:8]
Register 0x11B, Bits[7:4]—Reserved
Register 0x11B, Bits[3:0]—Signal Monitor Result
Channel B[19:16]
This 20-bit value contains the result calculated by the signal
monitoring block for Channel B. The result is dependent on the
settings in Register 0x112[2:1].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com