Electronic Components Datasheet Search
  English  ▼

X  

AD9627 Datasheet(PDF) 33 Page - Analog Devices

Part # AD9627
Description  12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9627 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9627 Datasheet HTML 29Page - Analog Devices AD9627 Datasheet HTML 30Page - Analog Devices AD9627 Datasheet HTML 31Page - Analog Devices AD9627 Datasheet HTML 32Page - Analog Devices AD9627 Datasheet HTML 33Page - Analog Devices AD9627 Datasheet HTML 34Page - Analog Devices AD9627 Datasheet HTML 35Page - Analog Devices AD9627 Datasheet HTML 36Page - Analog Devices AD9627 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
AD9627
Rev. B | Page 33 of 76
ADC OVERRANGE AND GAIN CONTROL
In receiver applications, it is desirable to have a mechanism to
reliably determine when the converter is about to be clipped.
The standard overflow indicator provides after-the-fact infor-
mation on the state of the analog input that is of limited usefulness.
Therefore, it is helpful to have a programmable threshold below
full scale that allows time to reduce the gain before the clip
actually occurs. In addition, because input signals can have
significant slew rates, latency of this function is of major concern.
Highly pipelined converters can have significant latency. A good
compromise is to use the output bits from the first stage of the
ADC for this function. Latency for these output bits is very low,
and overall resolution is not highly significant. Peak input signals
are typically between full scale and 6 dB to 10 dB below full
scale. A 3-bit or 4-bit output provides adequate range and
resolution for this function.
Using the SPI port, the user can provide a threshold above which
an overrange output is active. As long as the signal is below that
threshold, the output should remain low. The fast detect outputs
can also be programmed via the SPI port so that one of the pins
functions as a traditional overrange pin for customers who
currently use this feature. In this mode, all 12 bits of the converter
are examined in the traditional manner, and the output is high for
the condition normally defined as overflow. In either mode, the
magnitude of the data is considered in the calculation of the
condition (but the sign of the data is not considered). The threshold
detection responds identically to positive and negative signals
outside the desired range (magnitude).
FAST DETECT OVERVIEW
The AD9627 contains circuitry to facilitate fast overrange detec-
tion, allowing very flexible external gain control implementations.
Each ADC has four fast detect (FD) output pins that are used
to output information about the current state of the ADC input
level. The function of these pins is programmable via the fast detect
mode select bits and the fast detect enable bits in Register 0x104,
allowing range information to be output from several points in
the internal datapath. These output pins can also be set up to
indicate the presence of overrange or underrange conditions,
according to programmable threshold levels. Table 17 shows the
six configurations available for the fast detect pins.
Table 17. Fast Detect Mode Select Bits Settings
Fast Detect
Mode Select Bits
(Register 0x104[3:1])
Information Presented on
Fast Detect (FD) Pins of Each ADC1, 2
FD[3]
FD[2]
FD[1]
FD[0]
000
ADC fast magnitude
(see Table 18)
001
ADC fast magnitude
(see Table 19)
OR
010
ADC fast magnitude
(see Table 20)
OR
F_LT
011
ADC fast magnitude
(see Table 20)
C_UT
F_LT
100
OR
C_UT
F_UT
F_LT
101
OR
F_UT
IG
DG
1 The fast detect pins are FD0A/FD0B to FD9A/FD9B for the CMOS mode
configuration and FD0+/FD0− to FD9+/FD9− for the LVDS mode
configuration.
2 See the ADC Overrange (OR) and Gain Switching sections for more
information about OR, C_UT, F_UT, F_LT, IG, and DG.
ADC FAST MAGNITUDE
When the fast detect output pins are configured to output the ADC
fast magnitude (that is, when the fast detect mode select bits are
set to 0b000), the information presented is the ADC level from
an early converter stage with a latency of only two clock cycles
(when in CMOS output mode). Using the fast detect output pins
in this configuration provides the earliest possible level indication
information. Because this information is provided early in the
datapath, there is significant uncertainty in the level indicated.
The nominal levels, along with the uncertainty indicated by the
ADC fast magnitude, are shown in Table 18.
Table 18. ADC Fast Magnitude Nominal Levels with Fast Detect
Mode Select Bits = 000
ADC Fast
Magnitude on
FD[3:0] Pins
Nominal Input
Magnitude
Below FS (dB)
Nominal Input
Magnitude
Uncertainty (dB)
0000
<−24
Minimum to −18.07
0001
−24 to −14.5
−30.14 to −12.04
0010
−14.5 to −10
−18.07 to −8.52
0011
−10 to −7
−12.04 to −6.02
0100
−7 to −5
−8.52 to −4.08
0101
−5 to −3.25
−6.02 to −2.5
0110
−3.25 to −1.8
−4.08 to −1.16
0111
−1.8 to −0.56
−2.5 to FS
1000
−0.56 to 0
−1.16 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com