Electronic Components Datasheet Search
  English  ▼

X  

IRS2332SPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRS2332SPBF
Description  3-PHASE-BRIDGE DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2332SPBF Datasheet(HTML) 2 Page - International Rectifier

  IRS2332SPBF Datasheet HTML 1Page - International Rectifier IRS2332SPBF Datasheet HTML 2Page - International Rectifier IRS2332SPBF Datasheet HTML 3Page - International Rectifier IRS2332SPBF Datasheet HTML 4Page - International Rectifier IRS2332SPBF Datasheet HTML 5Page - International Rectifier IRS2332SPBF Datasheet HTML 6Page - International Rectifier IRS2332SPBF Datasheet HTML 7Page - International Rectifier IRS2332SPBF Datasheet HTML 8Page - International Rectifier IRS2332SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.irf.com
2
IRS233(0,2)(D)(S&J)PbF
Qualification Information
†
Industrial
††
Qualification Level
Comments: This family of ICs has passed JEDEC’s
Industrial qualification. IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
SOIC28W
MSL3
†††, 260°C
(per IPC/JEDEC J-STD-020)
Moisture Sensitivity Level
PLCC44
MSL3
†††, 245°C
(per IPC/JEDEC J-STD-020)
Human Body Model
Class 2
(per JEDEC standard JESD22-A114)
ESD
Machine Model
Class B
(per EIA/JEDEC standard EIA/JESD22-A115)
IC Latch-Up Test
Class I, Level A
(per JESD78)
RoHS Compliant
Yes
†
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please contact your
International Rectifier sales representative for further information.
†††
Higher MSL ratings may be available for the specific package types listed here.
Please contact your
International Rectifier sales representative for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com