Electronic Components Datasheet Search
  English  ▼

X  

IRS2332SPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS2332SPBF
Description  3-PHASE-BRIDGE DRIVER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2332SPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS2332SPBF Datasheet HTML 7Page - International Rectifier IRS2332SPBF Datasheet HTML 8Page - International Rectifier IRS2332SPBF Datasheet HTML 9Page - International Rectifier IRS2332SPBF Datasheet HTML 10Page - International Rectifier IRS2332SPBF Datasheet HTML 11Page - International Rectifier IRS2332SPBF Datasheet HTML 12Page - International Rectifier IRS2332SPBF Datasheet HTML 13Page - International Rectifier IRS2332SPBF Datasheet HTML 14Page - International Rectifier IRS2332SPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
www.irf.com
11
IRS233(0,2)(D)(S&J)PbF
HIN1,2,3
LIN1, 2, 3
FAULT
ITRIP
HO1, 2, 3
LO1, 2, 3
A
B
Figure 4: Input/output timing diagram
Deadtime
This family of HVICs features integrated deadtime protection circuitry. The deadtime for these ICs is fixed; other ICs within
IR’s HVIC portfolio feature programmable deadtime for greater design flexibility. The deadtime feature inserts a time period (a
minimum deadtime) in which both the high- and low-side power switches are held off; this is done to ensure that the power
switch being turned off has fully turned off before the second power switch is turned on.
This minimum deadtime is
automatically inserted whenever the external deadtime is shorter than DT; external deadtimes larger than DT are not modified
by the gate driver. Figure 5 illustrates the deadtime period and the relationship between the output gate signals.
The deadtime circuitry of the IRS233(0,2)(D) is matched with respect to the high- and low-side outputs of a given channel;
additionally, the deadtimes of each of the three channels are matched.
Figure 5: Illustration of deadtime



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com