Electronic Components Datasheet Search
  English  ▼

X  

FZT558 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FZT558
Description  400V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT223
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT558 Datasheet(HTML) 3 Page - Diodes Incorporated

  FZT558 Datasheet HTML 1Page - Diodes Incorporated FZT558 Datasheet HTML 2Page - Diodes Incorporated FZT558 Datasheet HTML 3Page - Diodes Incorporated FZT558 Datasheet HTML 4Page - Diodes Incorporated FZT558 Datasheet HTML 5Page - Diodes Incorporated FZT558 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FZT558
Document number: DS33139 Rev.3 - 2
3 of 6
www.diodes.com
November 2012
© Diodes Incorporated
FZT558
A Product Line of
Diodes Incorporated
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-400
−
−
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 8)
BVCEO
-400
−
−
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-7
−
−
V
IE = -100µA
Collector Cut-off Current
ICBO
−
−
-100
nA
VCB = -320V
Collector Cut-off Current
ICES
−
−
-100
nA
VCES = -320V
Emitter Cut-off Current
IEBO
−
−
-100
nA
VEB = -5V
Collector-Emitter Saturation Voltage (Note 8)
VCE(sat)
−
−
−
−
-0.2
-0.5
V
IC = -20mA, IB = -2mA
IC = -50mA, IB = -6mA
Base-Emitter Saturation Voltage (Note 8)
VBE(sat)
−
−
-0.9
V
IC = -50mA, IB = -5mA
Base-Emitter Turn-On Voltage (Note 8)
VBE(on)
−
−
-0.9
V
IC = -50mA, VCE = -10V
DC current transfer Static ratio (Note 8)
hFE
100
100
15
−
−
−
−
300
−
IC = -1mA, VCE = -10V
IC = -50mA, VCE = -10V
IC = -100mA, VCE = -10V
Transitional Frequency (Note 8)
fT
50
−
−
MHz
VCE = -20V, IC = -10mA
f = 20MHz
Output Capacitance (Note 8)
Cobo
−
−
5
pF
VCB = -20V. f = 1MHz
Switching times
ton
−
95
-
nS
IC=-50mA, VC=-100V
IB1=5mA, IB2=-10mA
toff
1600
Notes:
8. Measured under pulsed conditions. Pulse width ≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com