Electronic Components Datasheet Search
  English  ▼

X  

REF5045-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # REF5045-Q1
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5045-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  REF5045-Q1 Datasheet HTML 1Page - Texas Instruments REF5045-Q1 Datasheet HTML 2Page - Texas Instruments REF5045-Q1 Datasheet HTML 3Page - Texas Instruments REF5045-Q1 Datasheet HTML 4Page - Texas Instruments REF5045-Q1 Datasheet HTML 5Page - Texas Instruments REF5045-Q1 Datasheet HTML 6Page - Texas Instruments REF5045-Q1 Datasheet HTML 7Page - Texas Instruments REF5045-Q1 Datasheet HTML 8Page - Texas Instruments REF5045-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
www.ti.com
SBOS456G – SEPTEMBER 2008 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS: PER DEVICE
Boldface limits apply over the specified temperature range, TA = –40°C to 125°C.
TA = 25°C, ILOAD = 0, CL = 1 μF, VIN = (VOUT + 0.2 V) to 18 V (unless otherwise noted).
PER DEVICE
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
REF5020 (VOUT = 2.048 V)
(1)
OUTPUT VOLTAGE
Output voltage
VOUT
2.7 V < VIN < 18 V
2.048
V
Initial
Standard grade
–0.1
0.1
%
accuracy:
NOISE
Output voltage noise
f = 0.1 Hz to 10 Hz
6
μVPP
REF5025 (VOUT = 2.5 V)
OUTPUT VOLTAGE
Output voltage
VOUT
2.5
V
Initial
Standard grade
–0.1
0.1
%
accuracy:
NOISE
Output Voltage Noise
f = 0.1 Hz to 10 Hz
7.5
μVPP
REF5030 (VOUT = 3 V)
OUTPUT VOLTAGE
Output voltage
VOUT
3.0
V
Initial
Standard grade
–0.1
0.1
%
accuracy:
NOISE
Output voltage noise
f = 0.1 Hz to 10 Hz
9
μVPP
REF5040 (VOUT = 4.096 V)
OUTPUT VOLTAGE
Output voltage
VOUT
4.096
V
Initial
Standard grade
–0.05–0.1
0.05
%
accuracy:
NOISE
Output voltage noise
f = 0.1 Hz to 10 Hz
12
μVPP
REF5045 (VOUT = 4.5 V)
OUTPUT VOLTAGE
Output voltage
VOUT
4.5
V
Initial
Standard grade
–0.1
0.1
%
accuracy:
NOISE
Output voltage noise
f = 0.1 Hz to 10 Hz
13.5
μVPP
REF5050 (VOUT = 5 V)
OUTPUT VOLTAGE
Output voltage
VOUT
5.0
V
Initial
Standard grade
–0.1
0.1
%
accuracy:
NOISE
Output voltage noise
f = 0.1 Hz to 10 Hz
15
μVPP
(1)
For VOUT ≤ 2.5 V, the minimum supply voltage is 2.7 V.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com