Electronic Components Datasheet Search
  English  ▼

X  

REF5045-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Part # REF5045-Q1
Description  LOW-NOISE, VERY LOW DRIFT, PRECISION VOLTAGE REFERENCE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF5045-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF5045-Q1 Datasheet HTML 9Page - Texas Instruments REF5045-Q1 Datasheet HTML 10Page - Texas Instruments REF5045-Q1 Datasheet HTML 11Page - Texas Instruments REF5045-Q1 Datasheet HTML 12Page - Texas Instruments REF5045-Q1 Datasheet HTML 13Page - Texas Instruments REF5045-Q1 Datasheet HTML 14Page - Texas Instruments REF5045-Q1 Datasheet HTML 15Page - Texas Instruments REF5045-Q1 Datasheet HTML 16Page - Texas Instruments REF5045-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ADS8326
REF5040
REF
V
OUT
GND
+IN
-
IN
V
IN
+5V
OPA365
Input
Signal
0Vto4V
+5V
+5V
V
DD
GND
C
BYPASS
1 F
m
R
1
50W
C
1
1.2nF
C
2
22 F
m
-
2.5V
+2.5V
+5V
NOTE:Bypasscapacitorsnotshown.
R
1
10kW
R
2
10kW
-
5V
OPA735
+5V
DNC
TEMP
V
OUT
V
IN
GND
DNC
NC
TRIM/NR
REF5025
1 F
m
REF5020-Q1, REF5025-Q1, REF5030-Q1
REF5040-Q1, REF5045-Q1, REF5050-Q1
www.ti.com
SBOS456G – SEPTEMBER 2008 – REVISED OCTOBER 2013
APPLICATION CIRCUITS
NEGATIVE REFERENCE VOLTAGE
For applications requiring a negative and positive reference voltage, the REF50xx and OPA735 can be used to
provide a dual-supply reference from a 5-V supply. Figure 30 shows the REF5025 used to provide a 2.5-V supply
reference voltage. The low drift performance of the REF50xx complements the low offset voltage and zero drift of
the OPA735 to provide an accurate solution for split-supply applications. Care must be taken to match the
temperature coefficients of R1 and R2.
Figure 30. The REF5025 and OPA735 Create Positive and Negative Reference Voltages
DATA ACQUISITION
Data acquisition systems often require stable voltage references to maintain accuracy. The REF50xx family
features low noise, very low drift, and high initial accuracy for high-performance data converters. Figure 31
shows the REF5040 in a basic data acquisition system.
Figure 31. Basic Data Acquisition System
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com