Electronic Components Datasheet Search
  English  ▼

X  

KSC323G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KSC323G
Description  Sealed Tact Switch for SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KSC323G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KSC323G Datasheet HTML 1Page - List of Unclassifed Manufacturers KSC323G Datasheet HTML 2Page - List of Unclassifed Manufacturers KSC323G Datasheet HTML 3Page - List of Unclassifed Manufacturers KSC323G Datasheet HTML 4Page - List of Unclassifed Manufacturers KSC323G Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-21
B
6,2
(.244)
ø3,28
(.129)
6,8
(.268)
ø2,6
(.102)
ø2,8
(.110)
ø4,7
(.185)
ø3,0
(.118)
ACTUATOR
KSC4 SOFT, 5,2 mm high
KSC6 HARD, 7,7 mm high
KSC1 WITHOUT, 2.5 mm high
KSC Series
Sealed Tact Switch for SMT
KSC2 SOFT, 3,5 mm high
KSC3 HARD, 3,5 mm high
First Angle
Projection
2,9
(.114)
KSC4 KSC421V only
1,51
(.05)
NOTE: KSC4 standard silicone material is
70 shore, the only exception is
KSC401J which is 50 shore.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com